Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC005-850 Datasheet(Fiches technique) 1 Page - RFE international

Numéro de pièce TC005-850
Description  TEMPERATURE COMPENSATING THERMISTORS TC Series: Radial Leaded
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  RFE [RFE international]
Site Internet  http://www.rfeinc.com
Logo RFE - RFE international

TC005-850 Datasheet(HTML) 1 Page - RFE international

  TC005-850 Datasheet HTML 1Page - RFE international TC005-850 Datenblatt HTML 2Page - RFE international TC005-850 Datenblatt HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURE
TEMPERATURE COMPENSATING THERMISTORS
TC Series: Radial Leaded
Temperature Compensating Thermistors are
suitable for many applications where
Temperature Protection or a Control Circuit is used.
TEMPERATURE (¢J
)
CHARACTERISTIC CURVES
D
max
T
max
P
±0.5
d
nom
6.5
5
3.5
0.5
* All sizes in mm
D
T
d
P
C6A03
REV 2004.11.15
V-I CHARACTERISTIC CURVE
100000
0.2
0.1
0.5
1
2
5
10
20
50
100
CURRENT (mA)
1
2
5
10
20
50
100
200
500
1000
2000
5000 10000 20000 50000
0.
05
W
0.
1W
0.
2W
2M
W
1M
W
50
0K
W
0.
5W
1W
2W
10
0K
W
50
KW
5W
20
0K
W
10
W
20
KW
20
W
10
KW
50
W
5K
W
2K
W
1K
W
50
0W
20
0W
10
0W
TC
005
- 1
51
TC
00
5 -
10
1
TC
00
5 -
85
0
TC
00
5 -
55
0
TC
00
5 -
45
0
TC
00
5 -
15
0
TC
00
5 -
10
0
TC
00
5 -
5R
0
TC
00
5 -
3R
0
R-T CHARACTERISTIC CURVE
0.1
1
10
100
1000
10000
-30 -20 -10
0
10
20 30
40
50 60 70
80
90 100 110 120 130 140 150
RESISTANCE - TEMPERATURE
CURVE OF TC SERIES
TC
00
5 -
15
1
TC
00
5 -
10
1
TC
00
5 -
85
0
TC
00
5 -
55
0
TC
00
5 -
45
0
TC
00
5 -
15
0
TC
00
5 - 10
0
TC
00
5 - 5R
0
TC
00
5 - 3R
0
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Html Pages

1  2  3