Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UVS-51X Fiches technique(PDF) 5 Page - Unity Opto Technology

No de pièce UVS-51X
Description  0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UOT [Unity Opto Technology]
Site Internet  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVS-51X Fiches technique(HTML) 5 Page - Unity Opto Technology

  UVS-51X Datasheet HTML 1Page - Unity Opto Technology UVS-51X Datasheet HTML 2Page - Unity Opto Technology UVS-51X Datasheet HTML 3Page - Unity Opto Technology UVS-51X Datasheet HTML 4Page - Unity Opto Technology UVS-51X Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
0.56 inch ( 14.22 mm )
SINGLE DIGIT NUMERIC LED DISPLAYS UVS-51X SERIES
TYPICAL ELECTRICAL/OPTICAL CHARACTERISTIC CURVES
( Ambient Temperature =25
oC Unless Otherwise Noted )
11/14/2000
0
20
40
60
80
100
120
140
160
0
0.
5
1 1.
5
2
2.
5
3
3.
5
4
4.
5
5
0
5
10
15
20
25
30
35
40
0
10 20 30 40 50 60 70 80 90
0
1
2
3
4
0
5
10
15
20
25
30
0
1
2
3
4
0
5
10
15
20
25
30
FIG.1 RELATIVE LUMINOUS INTENSITY
VS. WAVELENGTH
Forward Current IF (mA)
FIG.2 RELATIVE LUMINOUS INTENSITY
VS. FORWARD CURRENT
P
HR
E G
Y
Ambient Temperature (
oC )
FIG.3 FORWARD CURRENT
DERATING CURVE
HR E G
P
Y
Forward Voltage (V)
FIG.4 FORWARD CURRENT VS.
FORWARD VOLTAGE
HR
G
P
Unity Opto Technology Co., Ltd.
Forward Current IF (mA)
FIG.2-1 RELATIVE LUMINOUS INTENSITY
VS. FORWARD CURRENT
G Y
P
HR,E
0
0.5
1
500
550
600
650
700
750
800


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn