Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UVS-40XXA Fiches technique(PDF) 1 Page - Unity Opto Technology

No de pièce UVS-40XXA
Description  0.4 inch ( 10.16 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UOT [Unity Opto Technology]
Site Internet  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVS-40XXA Fiches technique(HTML) 1 Page - Unity Opto Technology

  UVS-40XXA Datasheet HTML 1Page - Unity Opto Technology UVS-40XXA Datasheet HTML 2Page - Unity Opto Technology UVS-40XXA Datasheet HTML 3Page - Unity Opto Technology UVS-40XXA Datasheet HTML 4Page - Unity Opto Technology UVS-40XXA Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
0.4 inch ( 10.16 mm )
SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-40XXA SERIES
DESCRIPTION
The UVS-4X10A/4X40A is 0.4 inch (10.16mm) height single digit display.
Choices of five colors-high efficiency red/bright red/green/yellow/red orange.
The high efficiency red displays has red face and red segments. Bright red displays has black face and red segments.
Green and yellow displays have gray face and whit segments.Red orange displays has orange face and orange segments.
The bright red and green LED chip are made from GaP on a transparent GaP substrate.
The yellow and red orange LED chip are made from GaAsP on a transparent GaP substrate.
FEATURES
l
Continuous uniform segments.
l
Excellent characters appearance
l
Low power requirement
DEVICES
ABSOLUTE MAXIMUM RATINGS
@ TA=25
oC
75
40
75
60
75
mW
25
15
25
20
25
mA
0.33
0.2
0.33
0.27
0.33
mA/
oC
5
5
5
5
5
V
mA
100
YELLOW
RED
ORANGE
80
Reverse Voltage Per Segment
100
60
100
Continuous Forward Current Per Segment
Derating Linear From 25
oC Per Segment
GREEN
INTERNAL
CIRCUIT
DIAGRAM
Fig. 2
Fig. 1
PACKAGE
DIMENSION
UNIT
Solder Temperature 1/16 inch Below Seating Plane for 3 Seconds at 260
oC
PART NO.
UVS-4X10A
UVS-4X40A
DESCRIPTION
Common Anode
Common Cathode
PARAMETER
HI.EFF.
RED
-35
oCto+85oC
-35
oCto+85oC
11/14/2000
l
Industuy Standard Size
l
Wide Viewing angle
Operating Temperature Range
Storage Temperature Range
Power Dissipation Per Segment
Peak Forward Current Per Segment
( 1/10 Duty Cycle. ,0.1ms pulse width)
BRIGHT
RED
Unity Opto Technology Co., Ltd.


Numéro de pièce similaire - UVS-40XXA

FabricantNo de pièceFiches techniqueDescription
logo
Unity Opto Technology
UVS-4301 UOT-UVS-4301 Datasheet
66Kb / 5P
   0.4 inch ( 10.0 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-4801 UOT-UVS-4801 Datasheet
66Kb / 5P
   0.4 inch ( 10.0 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-4X01 UOT-UVS-4X01 Datasheet
66Kb / 5P
   0.4 inch ( 10.0 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
More results

Description similaire - UVS-40XXA

FabricantNo de pièceFiches techniqueDescription
logo
Unity Opto Technology
UVS-4X01 UOT-UVS-4X01 Datasheet
66Kb / 5P
   0.4 inch ( 10.0 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVD-4X2XC UOT-UVD-4X2XC Datasheet
69Kb / 5P
   0.4 inch ( 10.21 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
logo
Micro Electronics
MS141A MICRO-ELECTRONICS-MS141A Datasheet
63Kb / 2P
   0.4 SINGLE DIGIT NUMERIC DISPLAYS
logo
Lite-On Technology Corp...
LTS-4610AE LITEON-LTS-4610AE Datasheet
119Kb / 5P
   0.4 inch (10.16 mm) DIGIT HEIGHT
LTS-4710AP LITEON-LTS-4710AP Datasheet
135Kb / 5P
   0.4 inch (10.16 mm) DIGIT HEIGHT
logo
Unity Opto Technology
UVS-51X UOT-UVS-51X Datasheet
47Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-54XA UOT-UVS-54XA Datasheet
66Kb / 5P
   0.52 inch ( 13.2 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-340XL UOT-UVS-340XL Datasheet
70Kb / 5P
   0.8 inch ( 20.32 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-36X UOT-UVS-36X Datasheet
50Kb / 5P
   0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-5X01A UOT-UVS-5X01A Datasheet
53Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com