Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UVS-40XXA Fiches technique(PDF) 5 Page - Unity Opto Technology

No de pièce UVS-40XXA
Description  0.4 inch ( 10.16 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UOT [Unity Opto Technology]
Site Internet  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVS-40XXA Fiches technique(HTML) 5 Page - Unity Opto Technology

  UVS-40XXA Datasheet HTML 1Page - Unity Opto Technology UVS-40XXA Datasheet HTML 2Page - Unity Opto Technology UVS-40XXA Datasheet HTML 3Page - Unity Opto Technology UVS-40XXA Datasheet HTML 4Page - Unity Opto Technology UVS-40XXA Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
0.4 inch ( 10.16 mm )
SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-40XXA SERIES
TYPICAL ELECTRICAL/OPTICAL CHARACTERISTIC CURVES
( Ambient Temperature =25
oC Unless Otherwise Noted )
11/14/2000
0
20
40
60
80
100
120
140
160
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
0
5
10
15
20
25
30
35
40
0 10 20 30 40 50 60 70 80 90
0
1
2
3
4
0
5
10
15
20
25
30
0
1
2
3
4
0
5
10
15
20
25
30
0
0.5
1
500
550
600
650
700
750
800
FIG.1 RELATIVE LUMINOUS INTENSITY VS.
WAVELENGTH
G
Y
HR,
P
Forward Current I
F (mA)
FIG.2 RELATIVE LUMINOUS INTENSITY VS.
FORWARD CURRENT
P
H R
E G
Y
HR EG
P
Y
Forward Voltage (V)
FIG.4 FORWARD CURRENT VS.
FORWARD VOLTAGE
HR E G
P
Unity Opto Technology Co., Ltd.
Forward Current I
F (mA)
FIG.2-1 RELATIVE LUMINOUS INTENSITY VS.
FORWARD CURRENT
Ambient Temperature (
oC )
FIG.3 ALLOWABLE DC CURRENT
VS. AMBIENT TEMPERATURE


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn