Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UVS-36X Fiches technique(PDF) 1 Page - Unity Opto Technology

No de pièce UVS-36X
Description  0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UOT [Unity Opto Technology]
Site Internet  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVS-36X Fiches technique(HTML) 1 Page - Unity Opto Technology

  UVS-36X Datasheet HTML 1Page - Unity Opto Technology UVS-36X Datasheet HTML 2Page - Unity Opto Technology UVS-36X Datasheet HTML 3Page - Unity Opto Technology UVS-36X Datasheet HTML 4Page - Unity Opto Technology UVS-36X Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
0.36 inch ( 9.14 mm )
SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-36X SERIES
DESCRIPTION
The UVS-360/367 is 0.36 inch (9.14mm) height single digit display.
Choices of five colors-high efficiency red/bright red/green/yellow/red orange.
High efficirncy red and bright red displays have red face and red segments.
Green,yellow and red orange displays have gray face and white segments.
The bright red and green LED chip are made from GaP on a transparent GaP substrate.
The yellow and red orange LED chip are made from GaAsP on a transparent GaP substrate.
FEATURES
l
Continuous uniform segments.
l
Excellent characters appearance
l
Low power requirement
DEVICES
ABSOLUTE MAXIMUM RATINGS
@ TA=25
oC
75
40
75
60
75
mW
25
15
25
20
25
mA
0.33
0.2
0.33
0.27
0.33
mA/
oC
5
5
5
5
5
V
PART NO.
UVS-360
UVS-367
DESCRIPTION
Common Anode
Common Cathode
PARAMETER
HI.EFF.
RED
Continuous Forward Current Per Segment
Derating Linear From 25
oC Per Segment
100
Power Dissipation Per Segment
Peak Forward Current Per Segment
( 1/10 Duty Cycle. ,0.1ms pulse width)
80
60
100
11/14/2000
Solder Temperature 1/16 inch Below Seating Plane for 3 Seconds at 260
oC
Operating Temperature Range
Storage Temperature Range
Reverse Voltage Per Segment
l
Industuy Standard Size
l
Wide Viewing angle
-35
oCto+85oC
-35
oCto+85oC
100
BRIGHT
RED
GREEN
UNIT
mA
YELLOW
RED
ORANGE
PACKAGE
DIMENSION
Fig. 1
INTERNAL CIRCUIT
DIAGRAM
Fig. 2
Unity Opto Technology Co., Ltd.


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn