Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UVS-36X Fiches technique(PDF) 4 Page - Unity Opto Technology

No de pièce UVS-36X
Description  0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UOT [Unity Opto Technology]
Site Internet  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVS-36X Fiches technique(HTML) 4 Page - Unity Opto Technology

  UVS-36X Datasheet HTML 1Page - Unity Opto Technology UVS-36X Datasheet HTML 2Page - Unity Opto Technology UVS-36X Datasheet HTML 3Page - Unity Opto Technology UVS-36X Datasheet HTML 4Page - Unity Opto Technology UVS-36X Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0.36 inch ( 9.14 mm )
SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-36X SERIES
ELECTRICAL/OPTICAL CHARACTERISTICS
GREEN (UVS-360G / 367G)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
800
2000
mcd
λp/Hue
565/569
nm
∆λ
30
nm
VF
2.1
2.6
V
IR
100
mA
Iv- m
2:1
YELLOW(UVS-360Y / 367Y)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
800
2000
µcd
λp/Hue
585/588
nm
∆λ
35
nm
VF
2.1
2.6
V
IR
100
µA
Iv- m
2:1
RED ORANGE(UVS-360E / 367E)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
800
2000
µcd
λp/Hue
630/621
nm
∆λ
40
nm
VF
2.0
2.6
V
IR
100
µA
Iv- m
2:1
IF = 20 mA
Spectral Line Half-Width
IF = 20 mA
Luminous Intensity Matching Ratio
IF = 10 mA
Forward Voltage, Per Segment
IF = 20 mA
Reverse Current, Per Segment
VR = 5 V
IF = 20 mA
IF = 20 mA
VR = 5 V
IF = 10 mA
Spectral Line Half-Width
Reverse Current, Per Segment
Luminous Intensity Matching Ratio
Forward Voltage, Per Segment
Peak Emission Wavelength
TEST CONDITION
IF = 10 mA
IF = 20 mA
PARAMETER
Average Luminous Intensity
TEST CONDITION
Average Luminous Intensity
IF = 10 mA
Peak Emission Wavelength
IF = 20 mA
PARAMETER
11/14/2000
Luminous Intensity Matching Ratio
IF = 10 mA
Forward Voltage, Per Segment
IF = 20 mA
Reverse Current, Per Segment
VR = 5 V
PARAMETER
IF = 10 mA
Peak Emission Wavelength
TEST CONDITION
Average Luminous Intensity
Spectral Line Half-Width
IF = 20 mA
Unity Opto Technology Co., Ltd.


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn