Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UVS-36X Fiches technique(PDF) 3 Page - Unity Opto Technology

No de pièce UVS-36X
Description  0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UOT [Unity Opto Technology]
Site Internet  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVS-36X Fiches technique(HTML) 3 Page - Unity Opto Technology

  UVS-36X Datasheet HTML 1Page - Unity Opto Technology UVS-36X Datasheet HTML 2Page - Unity Opto Technology UVS-36X Datasheet HTML 3Page - Unity Opto Technology UVS-36X Datasheet HTML 4Page - Unity Opto Technology UVS-36X Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.36 inch ( 9.14 mm )
SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-36X SERIES
PIN CONNECTION
1
2
3
4
5
6
7
8
9
10
NOTES: 1. PIN 1 & 6 are internally connected.
ELECTRICAL/OPTICAL CHARACTERISTICS
HI.EFF. RED(UVS-360HR / 367HR)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
800
2000
µcd
λp/Hue
635/623
nm
∆λ
40
nm
VF
2.1
2.6
V
IR
100
µA
Iv- m
2:1
BRIGHT RED(UVS-360P / 360P)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
320
750
µcd
λp/Hue
697/657
nm
∆λ
90
nm
VF
2.1
2.6
V
IR
100
µA
Iv- m
2:1
11/14/2000
Luminous Intensity Matching Ratio
IF = 10 mA
Forward Voltage, Per Segment
IF = 20 mA
Reverse Current, Per Segment
VR = 5 V
Peak Emission Wavelength
IF = 20 mA
Spectral Line Half-Width
IF = 20 mA
PARAMETER
TEST CONDITION
Average Luminous Intensity
IF = 10 mA
PIN
CATHODE C
CATHODE B
CATHODE A
CONNECTION
CATHODE E
CATHODE D
COMMON ANODE * 1
CATHODE D . P .
UVS-360
COMMON ANODE * 1
CATHODE F
CATHODE G
ANODE D . P .
ANODE E
ANODE D
COMMON CATHODE * 1
IF = 20 mA
IF = 10 mA
IF = 20 mA
IF = 20 mA
TEST CONDITION
ANODE C
ANODE B
ANODE A
UVS-367
COMMON CATHODE * 1
ANODE F
ANODE G
Spectral Line Half-Width
PARAMETER
Reverse Current, Per Segment
Luminous Intensity Matching Ratio
Forward Voltage, Per Segment
Average Luminous Intensity
Peak Emission Wavelength
VR = 5 V
IF = 10 mA
Unity Opto Technology Co., Ltd.


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn