Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DZ-10GW22-1B Fiches technique(PDF) 4 Page - Omron Electronics LLC

No de pièce DZ-10GW22-1B
Description  Special-purpose Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

DZ-10GW22-1B Fiches technique(HTML) 4 Page - Omron Electronics LLC

  DZ-10GW22-1B Datasheet HTML 1Page - Omron Electronics LLC DZ-10GW22-1B Datasheet HTML 2Page - Omron Electronics LLC DZ-10GW22-1B Datasheet HTML 3Page - Omron Electronics LLC DZ-10GW22-1B Datasheet HTML 4Page - Omron Electronics LLC DZ-10GW22-1B Datasheet HTML 5Page - Omron Electronics LLC DZ-10GW22-1B Datasheet HTML 6Page - Omron Electronics LLC DZ-10GW22-1B Datasheet HTML 7Page - Omron Electronics LLC DZ-10GW22-1B Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
92
Special-purpose Basic Switch
DZ
Note: 1. The solder terminal model has a suffix "-1A" in its model number and its omitted dimensions are the same as the corresponding
dimensions of the pin plunger model.
2. Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm applies to all dimensions.
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
4.2 +0.075
-0.025
23.3±0.25
25.4±0.1
11.9
49.2
17.45±0.2
PT
OP
3 dia. 2.5SR *
0.4
14.5
8.2
* Stainless-steel pin plunger
Pin Plunger
DZ-10G-1B
Operating force
Release force
Pretravel
Overtravel
Movement Differential
OF max.
RF min.
PT max.
OT min.
MD max.
570 gf
57 gf
1.7 mm
0.13 mm
0.4 mm
Operating Position
OP
15.6
±0.4 mm
28.4
25.4±0.1
11.9
49.2
17.45±0.2
17.7
19.7
14.5
FP
8.2
OP
4.9
* Stainless-steel lever
t = 1 *
63.5R
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
4.2 +0.075
-0.025
Hinge Lever
DZ-10GW-1B
OF max.
RF min.
OT min.
MD max.
170 gf
28 gf
1.6 mm
4 mm
FP max.
OP
46.3 mm
21.8
±1 mm
17.45 ±0.2
4.9
* Stainless-steel lever
25.4±0.1
11.9
49.2
17.7
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
4.2 +0.075
-0.025
19.7
14.5
8.2
OP
PT
t = 1 *
63.5R
1.1
DZ-10GV-1B
OF max.
RF min.
PT max.
OT min.
MD max.
200 gf
13 gf
6 mm
0.4 mm
1.7 mm
OP
18.3
±1 mm
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
4.2+0.075
-0.025
28.4
25.4±0.1
11.9
49.2
17.45±0.2
17.7
19.7
14.5
FP
8.2
OP
9.5 dia.
× 4
(plastic roller)
* Stainless-steel lever
t = 1 *
Short Hinge Roller Lever
DZ-10GW22-1B
OF max.
RF min.
OT min.
MD max.
400 gf
85 gf
0.9 mm
2.4 mm
FP max.
OP
39.7 mm
30.2
±0.8 mm
17.45
±0.2
* Stainless-steel lever
4.2
dia. hole
+0.075
-0.025
4.36
dia.
+0.1
-0.05
25.4±0.1
11.9
49.2
17.7 19.7
14.5
8.2
OP
PT
4.2 +0.075
-0.025
t = 1 *
1.1
9.5 dia.
× 4
(plastic roller)
30.2R
DZ-10GV22-1B
OF max.
RF min.
PT max.
OT min.
MD max.
430 gf
42 gf
3 mm
0.13 mm
0.6 mm
OP
29.4
±0.8 mm


Numéro de pièce similaire - DZ-10GW22-1B

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
DZ-10G-B OMRON-DZ-10G-B Datasheet
1Mb / 6P
   Common Accessories
More results

Description similaire - DZ-10GW22-1B

FabricantNo de pièceFiches techniqueDescription
logo
Systemsensor advanced i...
PSP1 SYSTEMSENSOR-PSP1 Datasheet
148Kb / 2P
   Special Purpose Supervisory Switch
logo
Omron Electronics LLC
Z-15G OMRON-Z-15G Datasheet
5Mb / 18P
   General-purpose Basic Switch
X-10G OMRON-X-10G Datasheet
3Mb / 8P
   General-purpose Basic Switch
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com