Moteur de recherche de fiches techniques de composants électroniques |
|
V-15G-1C25-K Fiches technique(PDF) 7 Page - Omron Electronics LLC |
|
V-15G-1C25-K Fiches technique(HTML) 7 Page - Omron Electronics LLC |
7 / 16 page Snap Action Switch V 127 Engineering Data ■ Contact Form * The SPST-NC and SPST-NO contact form types listed in the ordering information tables are for Pin Plunger models only. For information concerning lever models consult Omron. ■ Barrier direction (V-21 and V-16) ■ Mounting Holes All switches may be panel mounted using M3 mounting screws with plane washers or spring washers to securely mount the switch. Tighten the screws to a torque of 0.39 to 0.59 N·m. ■ Mechanical service life ■ Electrical service life (Pin plunger models) (Pin plunger models) V-21/-16/-15/-10 200 100 50 10 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 (1.6) 1.8 Ambient temperature: 20 ±2°C Ambient humidity: 65 ±5% Without load Operating frequency: 600 operations/min V-10 (0.98 N {100 gf}), V-11 V-10 (1.96 N {200 gf}) V-15 V-16 V-21 OT rated value Full stroke OT (mm) V-21/-16/-15 Operating frequency: 60 operations/min cos φ = 1, 250 VAC 5 2 1 0.5 0.3 0.1 0 4 8 12 16 202428 V-21 V-15 V-16 Switching current (A) 5 2 1 0.5 0.3 0.1 0 0.5 1 2 3 4 5 6 7 8 9 10 11 12 V-10 V-11 V-11/-10 Switching current (A) Ambient temperature: 20 ±2°C Ambient humidity: 65 ±5% Operating frequency: 60 operations/min cos φ = 1, 250 VAC Common terminal position Contact form SPDT SPST-NC* SPST-NO* Bottom type Side type Right-hand Barrier Left-hand Barrier Two, 3.1-dia. mounting holes or M3 screw holes 10.3 ± 0.1 22.2 ± 0.1 |
Numéro de pièce similaire - V-15G-1C25-K |
|
Description similaire - V-15G-1C25-K |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |