Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UVP-2X44 Fiches technique(PDF) 4 Page - Unity Opto Technology

No de pièce UVP-2X44
Description  2.0 inch ( 50.80mm ) 4X4 DOT MATRIX LED DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UOT [Unity Opto Technology]
Site Internet  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVP-2X44 Fiches technique(HTML) 4 Page - Unity Opto Technology

  UVP-2X44 Datasheet HTML 1Page - Unity Opto Technology UVP-2X44 Datasheet HTML 2Page - Unity Opto Technology UVP-2X44 Datasheet HTML 3Page - Unity Opto Technology UVP-2X44 Datasheet HTML 4Page - Unity Opto Technology UVP-2X44 Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2.0 inch ( 50.80mm )
4X4 DOT MATRIX LED DISPLAY
UVP-2X44 SERIES
ELECTRICAL/OPTICAL CHARACTERISTICS
AlGaAs RED (UVP-2344C)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
15100
28000
µcd
λp/Hue
660/638
nm
∆λ
35
nm
VF
5.4
7.2
V
IR
100
µA
IV-m
2:1
GREEN (UVP-2344G) & ( UVP-2844A3 GREEN)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
5000
11000
µcd
λp/Hue
565/569
nm
∆λ
30
nm
VF
6.3
7.8
V
IR
100
µA
IV-m
2:1
YELLOW (UVP-2344Y)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
5000
11000
µcd
λp/Hue
585/588
nm
∆λ
35
nm
VF
6.0
7.8
V
IR
100
µA
IV-m
2:1
RED ORANGE (UVP-2844A3 RED ORANGE)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
5000
11000
µcd
λp/Hue
630/621
nm
∆λ
40
nm
VF
6.0
7.8
V
IR
100
µA
IV-m
2:1
11/14/2000
Luminous Intensity Matching Ratio
IF = 10 mA
Average Luminous Intensity
Ip = 80 mA 1/16 Duty
IF = 20 mA
Reverse Current, any Dot
VR = 15 V
Peak Emission Wavelength
IF = 20 mA
Spectral Line Half-Width
IF = 20 mA
Forward Voltage, any Dot
Average Luminous Intensity
Peak Emission Wavelength
PARAMETER
PARAMETER
TEST CONDITION
Ip = 80 mA 1/16 Duty
IF = 20 mA
IF = 20 mA
PARAMETER
TEST CONDITION
Spectral Line Half-Width
Reverse Current, any Dot
Luminous Intensity Matching Ratio
IF = 20 mA
VR = 15 V
IF = 10 mA
Forward Voltage, any Dot
TEST CONDITION
Average Luminous Intensity
Ip = 80 mA 1/16 Duty
Peak Emission Wavelength
IF = 20 mA
Spectral Line Half-Width
IF = 20 mA
Forward Voltage, any Dot
IF = 20 mA
Reverse Current, any Dot
VR = 15 V
Luminous Intensity Matching Ratio
IF = 10 mA
Luminous Intensity Matching Ratio
IF = 10 mA
Forward Voltage, any Dot
IF = 20 mA
Peak Emission Wavelength
IF = 20 mA
Reverse Current, any Dot
VR = 5 V
Spectral Line Half-Width
IF = 20 mA
PARAMETER
TEST CONDITION
Average Luminous Intensity
Ip = 80 mA 1/16 Duty
Unity Opto Technology Co., Ltd.


Numéro de pièce similaire - UVP-2X44

FabricantNo de pièceFiches techniqueDescription
logo
Unity Opto Technology
UVP-2X58XX UOT-UVP-2X58XX Datasheet
97Kb / 5P
   2.3 inch ( 58.42mm ) 5X8 DOT MATRIX LED DISPLAY
UVP-2X88 UOT-UVP-2X88 Datasheet
121Kb / 5P
   2.3 inch ( 58.42mm ) 8X8 DOT MATRIX LED DISPLAY
More results

Description similaire - UVP-2X44

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
MTAN2121-AG MARKTECH-MTAN2121-AG Datasheet
69Kb / 1P
   2.0 4x4 Dot Matrix Display
logo
Unity Opto Technology
UVP-2057A UOT-UVP-2057A Datasheet
145Kb / 5P
   2.0 inch ( 50.80mm ) 5X7 DOT MATRIX LED DISPLAY UVP-2X57A SERIES
logo
LightKey Optoelectronic...
LM40044AB LIGHTKEY-LM40044AB Datasheet
133Kb / 3P
   4.00 inch 4x4 Dot Matrix LED Display
logo
Marktech Corporate
MTAN6621-CHRG MARKTECH-MTAN6621-CHRG Datasheet
75Kb / 1P
   2.0 4x4 Bi-Color Dot Matrix Display
logo
LightKey Optoelectronic...
LM40044ABRG LIGHTKEY-LM40044ABRG Datasheet
108Kb / 3P
   4.00 inch 4x4 Dual Color Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-57261EG CHINASEMI-CSM-57261EG Datasheet
274Kb / 8P
   2.0 Inch Dot-Matrix Display
logo
Ningbo Foryard Optoelec...
FYM-20571AX-00 FORYARD-FYM-20571AX-00 Datasheet
454Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-20571AW-X5 FORYARD-FYM-20571AW-X5 Datasheet
424Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-20571CX-00 FORYARD-FYM-20571CX-00 Datasheet
430Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-20571EXX-00 FORYARD-FYM-20571EXX-00 Datasheet
539Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com