Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UVD-6XX0 Fiches technique(PDF) 4 Page - Unity Opto Technology

No de pièce UVD-6XX0
Description  0.56 inch ( 14.22 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UOT [Unity Opto Technology]
Site Internet  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVD-6XX0 Fiches technique(HTML) 4 Page - Unity Opto Technology

  UVD-6XX0 Datasheet HTML 1Page - Unity Opto Technology UVD-6XX0 Datasheet HTML 2Page - Unity Opto Technology UVD-6XX0 Datasheet HTML 3Page - Unity Opto Technology UVD-6XX0 Datasheet HTML 4Page - Unity Opto Technology UVD-6XX0 Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0.56 inch ( 14.22 mm )
DUAL DIGIT NUMERIC LED DISPLAYS
UVD-6XX0 SERIES
ELECTRICAL/OPTICAL CHARACTERISTICS
GREEN (UVD-6410G / 6440G)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
800
2400
mcd
λp/Hue
565/569
nm
∆λ
30
nm
VF
2.1
2.6
V
IR
100
mA
Iv- m
2:1
YELLOW (UVD-6810Y / 6840Y)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
800
2400
µcd
λp/Hue
585/588
nm
∆λ
35
nm
VF
2.1
2.6
V
IR
100
µA
Iv- m
2:1
RED ORANGE (UVD-6610E / 6640E)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
800
2400
µcd
λp/Hue
630/621
nm
∆λ
40
nm
VF
2.0
2.6
V
IR
100
µA
Iv- m
2:1
11/14/2000
Luminous Intensity Matching Ratio
IF = 10 mA
Forward Voltage, Per Segment
IF = 20 mA
Reverse Current, Per Segment
VR = 5 V
Peak Emission Wavelength
IF = 20 mA
Spectral Line Half-Width
IF = 20 mA
Spectral Line Half-Width
Reverse Current, Per Segment
Luminous Intensity Matching Ratio
Forward Voltage, Per Segment
PARAMETER
TEST CONDITION
Average Luminous Intensity
IF = 10 mA
Peak Emission Wavelength
TEST CONDITION
IF = 10 mA
IF = 20 mA
PARAMETER
Average Luminous Intensity
IF = 20 mA
IF = 20 mA
VR = 5 V
IF = 10 mA
PARAMETER
TEST CONDITION
Average Luminous Intensity
IF = 10 mA
Peak Emission Wavelength
IF = 20 mA
Spectral Line Half-Width
IF = 20 mA
Luminous Intensity Matching Ratio
IF = 10 mA
Forward Voltage, Per Segment
IF = 20 mA
Reverse Current, Per Segment
VR = 5 V
Unity Opto Technology Co., Ltd.


Numéro de pièce similaire - UVD-6XX0

FabricantNo de pièceFiches techniqueDescription
logo
Unity Opto Technology
UVD-322 UOT-UVD-322 Datasheet
72Kb / 5P
   0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVD-323 UOT-UVD-323 Datasheet
72Kb / 5P
   0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVD-32X UOT-UVD-32X Datasheet
72Kb / 5P
   0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVD-432XC UOT-UVD-432XC Datasheet
69Kb / 5P
   0.4 inch ( 10.21 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVD-482XC UOT-UVD-482XC Datasheet
69Kb / 5P
   0.4 inch ( 10.21 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
More results

Description similaire - UVD-6XX0

FabricantNo de pièceFiches techniqueDescription
logo
Unity Opto Technology
UVS-51X UOT-UVS-51X Datasheet
47Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-5X01A UOT-UVS-5X01A Datasheet
53Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVT-5X1 UOT-UVT-5X1 Datasheet
75Kb / 5P
   0.56 inch ( 14.22 mm ) THREE-DIGIT NUMERIC LED DISPLAYS
UVC-5X23 UOT-UVC-5X23 Datasheet
72Kb / 5P
   0.56 inch ( 14.2 mm ) FOUR-DIGIT NUMERIC LED DISPLAYS
UVS-6XX0 UOT-UVS-6XX0 Datasheet
66Kb / 5P
   0.56 inch ( 14.2 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
logo
Lite-On Technology Corp...
LTD-6610E LITEON-LTD-6610E Datasheet
125Kb / 5P
   0.56 inch (14.22 mm) DIGIT HEIGHT.
LTD-6000 LITEON-LTD-6000 Datasheet
959Kb / 9P
   0.56 DUAL DIGIT NUMERIC DISPLAYS
LTD-6910HR LITEON-LTD-6910HR Datasheet
1Mb / 12P
   0.56 DUAL DIGIT NUMERIC DISPLAYS
logo
Unity Opto Technology
UVD-32X UOT-UVD-32X Datasheet
72Kb / 5P
   0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVD-4X2XC UOT-UVD-4X2XC Datasheet
69Kb / 5P
   0.4 inch ( 10.21 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com