Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MVL-663TUYLK-S Fiches technique(PDF) 1 Page - Unity Opto Technology

No de pièce MVL-663TUYLK-S
Description  ELLIPSE (4.7 X 5.7) High Performance AllnGaP LED Lamps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UOT [Unity Opto Technology]
Site Internet  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MVL-663TUYLK-S Fiches technique(HTML) 1 Page - Unity Opto Technology

  MVL-663TUYLK-S Datasheet HTML 1Page - Unity Opto Technology MVL-663TUYLK-S Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ELLIPSE (4.7 X 5.7) High
Performance AllnGaP LED Lamps
MVL-663TUYLK-S
Description
The MVL-663TUYLK-S, utilizes the latest transparent
substrate Aluminum Indium Gallium Phosphide
(AllnGaP) LED technology. This LED material
has outstanding light output efficiency over
a wide range of drive current.
The package is ellipse transparent yellow color plastic type.
Features
l
Ultra - brightness
l
Low power consumption
l
TTL compatible
l
Coating
Absolute Maximum Ratings
@ TA=25
oC
Parameter
Symbol
Maximum Rating
Unit
Power Dissipation
Pad
125
mW
Peak Forward Current(1/10 Duty Cycle 100
µs pulse width)
Ipf
100
mA
Continuous Forward Current
Iaf
50
mA
Reverse Voltage
VR
5
V
Operating Temperature Range
Topr
Storage Temperature Range
Tstg
12/16/2000
-40
oC to +101oC
Package Dimensions
-40
oC to +100oC
Lead
Soldering Temperature 1.6 mm from body for 5 seconds at 260
oC
Unity Opto Technology Co., Ltd.
Notes :
1. Tolerance is ± 0.25 mm (.010") unless otherwise noted.
2. Protruded resin under flange is 1.5 mm (.059") max.
3. Lead spacing is measured where the leads emerge from the package.
SEE NOTE 2
7.70
(.312)
φ4.70
(.191)
2.54TYP.
(.100)
0.50 TYP.
(.020)
25.40 MIN.
(1.000)
1.00MIN.
(.040)
SEE NOTE 3
A
C
Unit: mm ( inches )
1.5 0
(.060)
3.70
(.150)
SEE NOTE 2
5.7
(.231)
4.7
(.191)


Numéro de pièce similaire - MVL-663TUYLK-S

FabricantNo de pièceFiches techniqueDescription
logo
Unity Opto Technology
MVL-663TUYL UOT-MVL-663TUYL Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
MVL-663TUYL-S UOT-MVL-663TUYL-S Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
More results

Description similaire - MVL-663TUYLK-S

FabricantNo de pièceFiches techniqueDescription
logo
Unity Opto Technology
MVL-663UOLK-S UOT-MVL-663UOLK-S Datasheet
35Kb / 2P
   ELLIPSE (4.7 X 5.7) High Performance AllnGaP LED Lamps
MVL-663UYLK-S UOT-MVL-663UYLK-S Datasheet
33Kb / 2P
   ELLIPSE (4.7 X 5.7) High Performance AllnGaP LED Lamps
MVL-663TUOLK-S UOT-MVL-663TUOLK-S Datasheet
33Kb / 2P
   ELLIPSE (4.7 X 5.7) High Performance AllnGaP LED Lamps
MVL-514UOL UOT-MVL-514UOL Datasheet
38Kb / 2P
   Performance AllnGaP LED Lamps
MVL-514UYL UOT-MVL-514UYL Datasheet
39Kb / 2P
   Performance AllnGaP LED Lamps
MVL-5P4TUOL UOT-MVL-5P4TUOL Datasheet
42Kb / 3P
   HIGH POWET AllnGaP LED Lamps
MVL-514TUOL UOT-MVL-514TUOL Datasheet
39Kb / 2P
   HIGH POWER AllnGaP LED Lamps
MVL-534UYL UOT-MVL-534UYL Datasheet
35Kb / 2P
   T-1 3/4 ( f5mm) High Performance AllnGaP LED Lamps
MVL-584UOL UOT-MVL-584UOL Datasheet
36Kb / 2P
   T-1 3/4 ( f5mm) High Performance AllnGaP LED Lamps
logo
Lucky Light Electronic
GB-623 LUCKY-LIGHT-GB-623 Datasheet
42Kb / 1P
   Oval Type Wide Angle LED Lamps (4.7 x 5.7mm)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com