Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MVL-584UYL Fiches technique(PDF) 2 Page - Unity Opto Technology

No de pièce MVL-584UYL
Description  T-1 3/4 ( f5mm) HIGH POWER AlInGaP LED LAMPs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UOT [Unity Opto Technology]
Site Internet  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MVL-584UYL Fiches technique(HTML) 2 Page - Unity Opto Technology

  MVL-584UYL Datasheet HTML 1Page - Unity Opto Technology MVL-584UYL Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MVL-584UYL
Optical-Electrical Characteristics
Parameter
Test Conditions
Symbol
Min.
Typ .
Max.
Unit
Luminous Intensity
IF=20mA
IV
-
1500
-
mcd
Forward Voltage
I
F=20mA
V
F
-
2.3
2.5
V
Reverse Current
I
R
-
-
100
µA
Peak / Dominant Wavelength
I
F=20mA
λp/λd
-
592/590
-
nm
Spectral Line Half Width
I
F=20mA
∆λ
-
20
-
nm
Viewing Angle
IF=20mA
1/2
-
75
-
deg.
Typical Optical-Electrical Characteristic Curves
V
R=5V
09/05/2000
0
0.5
1
540
565
590
615
640
0
10
20
30
40
50
1.2
2.2
2.6
3.0
0.5 0.3 0.1
0.2 0.4 0.6
1.0
0.9
0.8
30°
40°
50°
60°
70°
80°
90°
0° 10°
20°
FIG.5 RADIATION DIAGRAM
@ T
A=25
oC
0
1
2
3
4
5
0
20
40
60
80
100
Forward Voltage-VF (V)
FIG.2 FORWARD CURRENT VS.
FORWARD VOLTAGE
Ambient Temperature TA(
oC)
FIG.3 RELATIVE RADIANT INTENSITY VS.
VS.AMBIENT TEMPERATURE
Wavelength (nm)
FIG.1 SPECTRAL DISTRIBUTION
Forward Current (mA)
FIG.4 RELATIVE RADIANT INTENSITY
VS. FORWARD CURRENT
Unity Opto Technology Co., Ltd.
0
10
20
30
40
50
60
0
20
40
60
80
100


Numéro de pièce similaire - MVL-584UYL

FabricantNo de pièceFiches techniqueDescription
logo
Unity Opto Technology
MVL-584UG UOT-MVL-584UG Datasheet
38Kb / 2P
   T-1 3/4 ( f5mm) HIGH POWER AlInGaP LED LAMPs
MVL-584UOL UOT-MVL-584UOL Datasheet
36Kb / 2P
   T-1 3/4 ( f5mm) High Performance AllnGaP LED Lamps
MVL-584UW-S UOT-MVL-584UW-S Datasheet
31Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE SOLID STATE LAMP
More results

Description similaire - MVL-584UYL

FabricantNo de pièceFiches techniqueDescription
logo
Unity Opto Technology
MVL-5C4SO UOT-MVL-5C4SO Datasheet
35Kb / 2P
   T-1 3/4 ( f5mm) HIGH POWER AlInGaP LED LAMPs
MVL-544UOL UOT-MVL-544UOL Datasheet
32Kb / 2P
   T-1 3/4 ( f5mm)HIGH POWER AlInGaP LED LAMPs
MVL-544SO UOT-MVL-544SO Datasheet
32Kb / 2P
   T-1 3/4 ( f5mm) HIGH POWER AlInGaP LED LAMPs
MVL-584SO UOT-MVL-584SO Datasheet
33Kb / 2P
   T-1 3/4 ( f5mm) HIGH POWER AlInGaP LED LAMPs
MVL-534SO UOT-MVL-534SO Datasheet
38Kb / 2P
   T-1 3/4 ( f5mm) HIGH POWER AlInGaP LED LAMPs
MVL-544UYL UOT-MVL-544UYL Datasheet
31Kb / 2P
   T-1 3/4 ( f5mm) HIGH POWER AlInGaP LED LAMPs
MVL-584UG UOT-MVL-584UG Datasheet
38Kb / 2P
   T-1 3/4 ( f5mm) HIGH POWER AlInGaP LED LAMPs
MVL-5C4UG UOT-MVL-5C4UG Datasheet
40Kb / 2P
   T-1 3/4 ( f5mm) HIGH POWER AlInGaP LED LAMPs
MVL-584TG UOT-MVL-584TG Datasheet
29Kb / 2P
   T-1 3/4 ( f5mm) InGaN LED LAMPs
MVL-5C4BS UOT-MVL-5C4BS Datasheet
33Kb / 2P
   T-1 3/4 ( f5mm) InGaN LED LAMPs
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com