Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMAX-2752SY Fiches technique(PDF) 1 Page - Advantech Co., Ltd.

No de pièce AMAX-2752SY
Description  32-ch Isolated Digital Input/Output Slave Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADVANTECH [Advantech Co., Ltd.]
Site Internet  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMAX-2752SY Fiches technique(HTML) 1 Page - Advantech Co., Ltd.

  AMAX-2752SY Datasheet HTML 1Page - Advantech Co., Ltd. AMAX-2752SY Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Motion Control I/O Modules
Features
RoHS
COMPLIANT
2002/95/EC
AMAX-2750SY Series
Max. 20 Mbps transfer rate
Onboard terminal for direct wiring
Easy installation with RJ45 phone jack and LED diagnostic
LED indicator for each IO channel (switch by SW4)
Selection of I/O-channel configuration (32-ch DI, 32-ch DO or 16/16-ch
Digital I/O)
2,500 Vrms Isolation voltage
Suitable for DIN-rail mounting
Introduction
The AMAX-2750SY series consists of digital slave modules for AMONet RS-485 that extend the digital I/O capacity. All the digital I/O slave extension modules are connected serially
with a simple Cat.5 cable. This reduces wiring between driver and controller and is very suitable for highly integrated machine automation applications. High speed, scalability and
cost-effectiveness ensures a solid solution for machine builders.
There are 3 main types of digital I/O slave modules, 32-ch digital input, 32-ch digital output, and 16/16-ch digital input/output. With these slave modules, you can connect actuators/
sensors directly with minimum hassle. You can access I/O points nearby or 100 meters away using simple and low-cost wiring, and the high speed of AMONet RS-485 makes it
possible to scan 2048 I/O channels in 1.04 ms.
Specifications
Isolated Digital Input
Channels
AMAX-2752SY: 32 (4 ports)
AMAX-2756SY: 16 (2 ports)
Input Type
Dry contact
Isolation Protection
2,500 VRMS
Opto-Isolator Response 18 μs
Input Resistance
1 k
W @ 0.5 W
Isolated Digital Output
Channels
AMAX-2754SY: 32 (4 ports)
AMAX-2756SY: 16 (2 ports)
Output Type
Sink (NPN) (open collector Darlington transistors)
Isolation Protection
2,500 VRMS
Output Voltage
10 ~ 30 VDC
Sink Current
1CH: 500 mA (1 port)
150 mA/ea. for multiple-channel usage, total 1.1A max.
General
Bus Type
AMONet RS-485
Certifications
CE
Connectors
2 x RJ45 and 2 x 40-pin wiring board
Dimensions (L x W x H) 125 x 47.6 x 151 mm (4.9" x 1.8" x 5.9")
Power Consumption
AMAX-2752SY: 1.2 W typical, 13 W max.
AMAX-2754SY: 1.2 W typical, 5 W max.
AMAX-2756SY: 1.2 W typical, 8 W max.
Power Input
24 VDC within 200 mA ripple
Power Supply for DIO
10 ~ 30 VDC (Current < 2A)
Humidity
5 ~ 95% RH, non-condensing (IEC 68-2-3)
Operating Temperature 0 ~ 60° C (32 ~ 140° F)
Ordering Information
AMAX-2752SY
32-ch Isolated Digital Input AMONet Module
AMAX-2754SY
32-ch Isolated Digital Output AMONet Module
AMAX-2756SY
16/16-ch Isolated Digital I/O AMONet Module
32-ch Isolated Digital
Input/Output Slave
Modules
AMAX-2752SY
AMAX-2754SY
AMAX-2756SY


Numéro de pièce similaire - AMAX-2752SY

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
AMAX-2752SY ADVANTECH-AMAX-2752SY Datasheet
962Kb / 2P
   GX2-400 Machine Control Box with
AMAX-2752SY ADVANTECH-AMAX-2752SY Datasheet
536Kb / 1P
   2-port AMONet RS-485 PCI Master Card
AMAX-2752SY ADVANTECH-AMAX-2752SY Datasheet
542Kb / 1P
   2-port AMONet RS-485 PCI-104 Master Card
AMAX-2752SY ADVANTECH-AMAX-2752SY Datasheet
327Kb / 1P
   32-ch Isolated Digital Input/Output Slave Modules
19-Mar-2014
AMAX-2752SY-AE ADVANTECH-AMAX-2752SY-AE Datasheet
240Kb / 1P
   32-ch Isolated Digital Input/Output Slave Modules
More results

Description similaire - AMAX-2752SY

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
AMAX-2752SY ADVANTECH-AMAX-2752SY_14 Datasheet
240Kb / 1P
   32-ch Isolated Digital Input/Output Slave Modules
AMAX-2750SY ADVANTECH-AMAX-2750SY Datasheet
327Kb / 1P
   32-ch Isolated Digital Input/Output Slave Modules
19-Mar-2014
AMAX-1752 ADVANTECH-AMAX-1752_15 Datasheet
209Kb / 1P
   Open Frame Type 32-ch Isolated Digital Input/Output Slave Modules
AMAX-1752 ADVANTECH-AMAX-1752 Datasheet
292Kb / 1P
   Open Frame Type 32-ch Isolated Digital Input/Output Slave Modules
27-Jul-2016
PCL-733 ADVANTECH-PCL-733 Datasheet
208Kb / 1P
   32-ch Isolated Digital Input Card with PCI Interface
AMAX-4830 ADVANTECH-AMAX-4830 Datasheet
473Kb / 1P
   16-ch Isolated Digital Input and 16-ch Isolated Digital
24-Dec-2018
PCL-734 ADVANTECH-PCL-734 Datasheet
215Kb / 1P
   32-ch Isolated Digital Output Card with PCI Interface
USB-5830 ADVANTECH-USB-5830 Datasheet
611Kb / 1P
   16-ch Isolated Digital Input and 16-ch Isolated Digital Output USB 3.0 I/O module
27-Jun-2018
PCIE-1730 ADVANTECH-PCIE-1730_V01 Datasheet
390Kb / 1P
   32-Ch TTL, 32-Ch Isolated Digital I/O PCIe Card
27-Jun-2018
ADAM-6151 ADVANTECH-ADAM-6151 Datasheet
365Kb / 1P
   16-ch Isolated Digital Input/ Digital Output Real-time Ethernet Module
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com