Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD4121K Fiches technique(PDF) 9 Page - Toshiba Semiconductor

No de pièce TPD4121K
Description  Intelligent Power Device High Voltage Monolithic Silicon Power IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4121K Fiches technique(HTML) 9 Page - Toshiba Semiconductor

Back Button TPD4121K Datasheet HTML 5Page - Toshiba Semiconductor TPD4121K Datasheet HTML 6Page - Toshiba Semiconductor TPD4121K Datasheet HTML 7Page - Toshiba Semiconductor TPD4121K Datasheet HTML 8Page - Toshiba Semiconductor TPD4121K Datasheet HTML 9Page - Toshiba Semiconductor TPD4121K Datasheet HTML 10Page - Toshiba Semiconductor TPD4121K Datasheet HTML 11Page - Toshiba Semiconductor TPD4121K Datasheet HTML 12Page - Toshiba Semiconductor TPD4121K Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TPD4121K
2008-08-13
9
Application Circuit Example
3-phase
distribution
logic
Under-
voltage
protect-
ion
Under-
voltage
protect-
ion
Low-side
driver
PWM
Thermal
shutdown
Over-current
protection
Level shift
high-side
driver
Triangular
wave
6 V
regulator
RREF
OS
23
26
20
Hall
Amp
22
FR
FG
15
VCC
VREG
HU+
HV+
HW+
VS
IS2
IS1
GND
VBB
U
V
W
R2
C4
Rotation
pulse
Speed
instruction
BSU
C6
C5
15 V
R1
M
BSV
BSW
R3
C1 C2 C3
24
18
25
1/16
2
3
4
5
6
7
11
8
10
9
14
17
21
13
RS
Under-voltage
protection
Under-
voltage
protect-
ion
C
C
R
R
C
C
C
R
12
R


Numéro de pièce similaire - TPD4121K

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPD4122K TOSHIBA-TPD4122K Datasheet
354Kb / 25P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4123AK TOSHIBA-TPD4123AK Datasheet
353Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4123K TOSHIBA-TPD4123K Datasheet
347Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4124AK TOSHIBA-TPD4124AK Datasheet
320Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4124K TOSHIBA-TPD4124K Datasheet
349Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results

Description similaire - TPD4121K

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPD4123AK TOSHIBA-TPD4123AK Datasheet
353Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4112K TOSHIBA-TPD4112K Datasheet
428Kb / 28P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4113K TOSHIBA-TPD4113K Datasheet
227Kb / 21P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4124K TOSHIBA-TPD4124K Datasheet
349Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4125AK TOSHIBA-TPD4125AK Datasheet
343Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4125K TOSHIBA-TPD4125K Datasheet
349Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4122K TOSHIBA-TPD4122K Datasheet
354Kb / 25P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4124AK TOSHIBA-TPD4124AK Datasheet
320Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4113AK TOSHIBA-TPD4113AK Datasheet
216Kb / 21P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4123K TOSHIBA-TPD4123K Datasheet
347Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com