Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MVL-544SO Fiches technique(PDF) 2 Page - Unity Opto Technology

No de pièce MVL-544SO
Description  T-1 3/4 ( f5mm) HIGH POWER AlInGaP LED LAMPs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UOT [Unity Opto Technology]
Site Internet  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MVL-544SO Fiches technique(HTML) 2 Page - Unity Opto Technology

  MVL-544SO Datasheet HTML 1Page - Unity Opto Technology MVL-544SO Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MVL-544SO
Optical-Electrical Characteristics
@ TA=25
oC
Parameter
Test Conditions
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IF=20mA
IV
-
600
-
mcd
Forward Voltage
IF=20mA
VF
-
2.0
2.5
V
Reverse Current
IR
-
-
100
µA
Peak / Dominant Wavelength
IF=20mA
λp/λd
-
610/605
-
nm
Spectral Line Half Width
IF=20mA
∆λ
-
20
-
nm
Viewing Angle
IF=20mA
2
θ
1/2
-
35
-
deg.
Typical Optical-Electrical Characteristic Curves
09/05/2000
VR=5V
Unity Opto Technology Co., Ltd.
0
0.5
1
500
550
600
650
700
0
10
20
30
40
50
1.2
1.6
2.0
2.4
2.8
3.2
0
1
2
3
4
5
0
20
40
60
80
100
Forward Current (mA)
FIG.4 RELATIVE LUMINOUS INTENSITY
VS. FORWARD CURRENT
0
10
20
30
40
50
60
0
20
40
60
80
100
Wavelength (nm)
FIG.1 SPECTRAL DISTRIBUTION
Ambient Temperature TA (
oC)
FIG.3 FORWARD CURRENT
VS. AMBIENT TEMPERATURE
Forward Voltage (V)
FIG.2 FORWARD CURRENT VS.
FORWARD VOLTAGE
FIG.5 RADIATION DIAGRAM
1.0
0.9
0.8
10°
20°
30
o
40
o
50
o
60
o
70
o
80
o
90
o
0.5 0.3 0.1
0.2 0.4 0.6


Numéro de pièce similaire - MVL-544SO

FabricantNo de pièceFiches techniqueDescription
logo
Unity Opto Technology
MVL-544UG UOT-MVL-544UG Datasheet
35Kb / 2P
   T-1 3/4 ( f 5mm) HIGH POWER AlInGaP LED LAMPs
MVL-544UOL UOT-MVL-544UOL Datasheet
32Kb / 2P
   T-1 3/4 ( f5mm)HIGH POWER AlInGaP LED LAMPs
MVL-544UYL UOT-MVL-544UYL Datasheet
31Kb / 2P
   T-1 3/4 ( f5mm) HIGH POWER AlInGaP LED LAMPs
More results

Description similaire - MVL-544SO

FabricantNo de pièceFiches techniqueDescription
logo
Unity Opto Technology
MVL-5C4SO UOT-MVL-5C4SO Datasheet
35Kb / 2P
   T-1 3/4 ( f5mm) HIGH POWER AlInGaP LED LAMPs
MVL-544UOL UOT-MVL-544UOL Datasheet
32Kb / 2P
   T-1 3/4 ( f5mm)HIGH POWER AlInGaP LED LAMPs
MVL-584SO UOT-MVL-584SO Datasheet
33Kb / 2P
   T-1 3/4 ( f5mm) HIGH POWER AlInGaP LED LAMPs
MVL-534SO UOT-MVL-534SO Datasheet
38Kb / 2P
   T-1 3/4 ( f5mm) HIGH POWER AlInGaP LED LAMPs
MVL-544UYL UOT-MVL-544UYL Datasheet
31Kb / 2P
   T-1 3/4 ( f5mm) HIGH POWER AlInGaP LED LAMPs
MVL-584UG UOT-MVL-584UG Datasheet
38Kb / 2P
   T-1 3/4 ( f5mm) HIGH POWER AlInGaP LED LAMPs
MVL-584UYL UOT-MVL-584UYL Datasheet
37Kb / 2P
   T-1 3/4 ( f5mm) HIGH POWER AlInGaP LED LAMPs
MVL-5C4UG UOT-MVL-5C4UG Datasheet
40Kb / 2P
   T-1 3/4 ( f5mm) HIGH POWER AlInGaP LED LAMPs
MVL-584TG UOT-MVL-584TG Datasheet
29Kb / 2P
   T-1 3/4 ( f5mm) InGaN LED LAMPs
MVL-5C4BS UOT-MVL-5C4BS Datasheet
33Kb / 2P
   T-1 3/4 ( f5mm) InGaN LED LAMPs
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com