Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC13883EP4 Fiches technique(PDF) 8 Page - Freescale Semiconductor, Inc

No de pièce MC13883EP4
Description  Integrated Charger USB Interface
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13883EP4 Fiches technique(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC13883EP4 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13883EP4 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13883EP4 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13883EP4 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13883EP4 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13883EP4 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13883EP4 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13883EP4 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13883EP4 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
Power Architecture
MC13883 Technical Data, Rev. 3
8
Freescale Semiconductor
Figure 2. Power Architecture Block Diagram
4.2
Charging
This section details the charging functionality. Charge current comes into VBUS from a USB source or
charger and is routed to the battery. Power is also routed to the phone circuitry. This can be accomplished
in different manners as described below.
If it is desired that the phone circuitry be guaranteed to be powered during charge, the “dual path”
technique is probably desirable, as power separately reaches the battery and the phone so that the phone
functions even though the battery may be very deeply discharged.
Component count can be reduced with a single-path charge architecture, but at the cost of reduced or
delayed functionality when charging a battery that is severely discharged.
Dual Path, Single Path and Serial Path charging is described below and shown in Figures 3, 4 and 5.
MC13883 IC Power Block Diagram
(dual path configuration)
VUSB
LDO
5V LDO/
Switch
VBus Pulsing
Timer
Mini-B or
Mini-AB
Receptacle
ID
GND
Battery
Battery FET
Back-to-Back
FET's
Charge Control,
Voltage
Regulator and
Switching Logic
D+
D-
VBus
Overvoltage
Detect
D+ / D-
and ID
Detection
BP FET
VBUS
REG_5V_IN
ID
DM
DP
VUSB
Seamless/
FET
Switching
Logic
BP Voltage
Regulator /
Switching
Logic
ISENSE
CHRGCTRL
BATT_FET
BP_FET
BATTP
BP
CHRGMODE
To A/D
Convertor Input
ICHRG
To Phone
Load
Rs
PWR_ON
Turnon signal


Numéro de pièce similaire - MC13883EP4

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC13883 FREESCALE-MC13883 Datasheet
343Kb / 2P
   Integrated Charger, USB On-the-Go Transceiver and Carkit Interface
More results

Description similaire - MC13883EP4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LP8727 TI1-LP8727 Datasheet
1Mb / 33P
[Old version datasheet]   Micro/Mini USB Interface with Integrated 28V Charger
logo
STMicroelectronics
STUSBCD01B STMICROELECTRONICS-STUSBCD01B Datasheet
460Kb / 19P
   USB charger detection interface
logo
Freescale Semiconductor...
MC13883 FREESCALE-MC13883 Datasheet
343Kb / 2P
   Integrated Charger, USB On-the-Go Transceiver and Carkit Interface
logo
Maxim Integrated Produc...
MAX14646E MAXIM-MAX14646E Datasheet
1Mb / 26P
   USB Charger Detection with Integrated Overvoltage Protector
2012
MAX14656 MAXIM-MAX14656 Datasheet
422Kb / 3P
   USB Charger Detection with Integrated Overvoltage Protector
Rev 0; 12/12
MAX20332 MAXIM-MAX20332_V01 Datasheet
1Mb / 27P
   USB Charger Detection with Integrated Overvoltage Protector
2018
MAX14592E MAXIM-MAX14592E Datasheet
1Mb / 26P
   USB Charger Detection with Integrated Overvoltage Protector
Rev 2 3/12
logo
Unisonic Technologies
USB4S012 UTC-USB4S012 Datasheet
146Kb / 4P
   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
Texas Instruments
TPD4S012 TI1-TPD4S012_14 Datasheet
649Kb / 13P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
TPD4S012DRLR TI-TPD4S012DRLR Datasheet
627Kb / 12P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com