Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS657052YZHT Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS657052YZHT
Description  PMU for Embedded Camera Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS657052YZHT Fiches technique(HTML) 3 Page - Texas Instruments

  TPS657052YZHT Datasheet HTML 1Page - Texas Instruments TPS657052YZHT Datasheet HTML 2Page - Texas Instruments TPS657052YZHT Datasheet HTML 3Page - Texas Instruments TPS657052YZHT Datasheet HTML 4Page - Texas Instruments TPS657052YZHT Datasheet HTML 5Page - Texas Instruments TPS657052YZHT Datasheet HTML 6Page - Texas Instruments TPS657052YZHT Datasheet HTML 7Page - Texas Instruments TPS657052YZHT Datasheet HTML 8Page - Texas Instruments TPS657052YZHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TPS657052
TPS657051
www.ti.com
SLVSA08 – FEBRUARY 2010
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN1/2
Input voltage range for step-down converter DCDC1and DCDC2
3.3
6.0
V
IOUTDCDC1/2
Output current at L
400
mA
L
Inductor at L
1.5
2.2
4.7
µH
VINLDO
Input voltage range for LDO
1.7
6.0
V
ILDO
Output current at LDO
200
mA
CINDCDC1/2
Input Capacitor at VIN1 and VIN2
4.7
µF
COUTDCDC1/2
Output Capacitor at VOUT1, VOUT2
4.7
10
22
µF
CINLDO
Input Capacitor at VINLDO
2.2
µF
COUTLDO
Output Capacitor at VLDO
2.2
µF
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
ELECTRICAL CHARACTERISTICS
Unless otherwise noted: VIN1=VIN2=VINLDO=3.6 V, L=LQMP21P 2.2µH, COUTDCDCx = 10µF, COUTLDO =2.2µF, TA = –40°C to
+85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
DCDC1 and DCDC2 enabled, IOUT = 0 mA,
MODE =0
40
µA
(PFM mode), LDO disabled
DCDC1 or DCDC2 enabled, IOUT = 0 mA,
Operating quiescent current DCDCx
MODE =0
25
µA
IQ
(PFM mode), LDO disabled
DCDC1 or DCDC2 enabled, IOUT = 0 mA.
4
mA
MODE =1 (forced PWM mode), LDO disabled
Operating quiescent current LDO
DCDC1 and DCDC2 disabled, LDO enabled.
25
37
µA
IOUT = 0mA
ISD
Shutdown current
DCDC1, DCDC2, and LDO disable
5
12
µA
DIGITAL PINS (EN1, EN2, ENLDO, MODE)
VIH
High level input voltage for EN1,
1.2
VCC
V
EN2, ENLDO, MODE
VIL
Low level input voltage for EN1,
0.4
V
EN2, ENLDO, MODE
ILKG
Input leakage current
EN1, EN2, ENLDO, MODE tied to GND
0.01
0.10
mA
or VIN = VIN2
STEP-DOWN CONVERTERS
VIN1
Input voltage for DCDC1
3.3
6.0
V
VIN2
Input voltage for DCDC2
3.3
6.0
V
Internal undervoltage lockout
VIN1 = VIN2 falling
2.15
2.2
2.25
V
threshold
UVLO
Internal undervoltage lockout
VIN1 = VIN2 rising
120
mV
threshold hysteresis
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS657052 TPS657051


Numéro de pièce similaire - TPS657052YZHT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS657052YZHT TI-TPS657052YZHT Datasheet
2Mb / 24P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657052YZHT TI1-TPS657052YZHT Datasheet
3Mb / 26P
[Old version datasheet]   PMU for Embedded Camera Module
More results

Description similaire - TPS657052YZHT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65708 TI1-TPS65708 Datasheet
2Mb / 22P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657051 TI1-TPS657051_15 Datasheet
3Mb / 26P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657052 TI-TPS657052_1 Datasheet
2Mb / 24P
[Old version datasheet]   PMU for Embedded Camera Module
TPS657095 TI1-TPS657095 Datasheet
820Kb / 41P
[Old version datasheet]   PMU for Embedded Camera Module
TPS65708 TI1-TPS65708_15 Datasheet
2Mb / 26P
[Old version datasheet]   PMU for Embedded Camera Module
logo
ALPS ELECTRIC CO.,LTD.
SCKA ALPS-SCKA Datasheet
112Kb / 3P
   Connector for CMOS Camera Module
logo
Sharp Corporation
YH-7C12 SHARP-YH-7C12 Datasheet
306Kb / 14P
   SPECIFICATION FOR CCD CAMERA MODULE
logo
Mitsumi Electronics, Co...
CMV-61CX MITSUMI-CMV-61CX Datasheet
46Kb / 2P
   Camera module
logo
Rohm
BD6039GU ROHM-BD6039GU Datasheet
619Kb / 25P
   Power Supply for CCD Camera Module
BD6029GU ROHM-BD6029GU_10 Datasheet
515Kb / 20P
   Power Supply for CCD Camera Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com