Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD17310Q5A Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD17310Q5A
Description  30V, N-Channel NexFET??Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CSD17310Q5A Fiches technique(HTML) 5 Page - Texas Instruments

  CSD17310Q5A Datasheet HTML 1Page - Texas Instruments CSD17310Q5A Datasheet HTML 2Page - Texas Instruments CSD17310Q5A Datasheet HTML 3Page - Texas Instruments CSD17310Q5A Datasheet HTML 4Page - Texas Instruments CSD17310Q5A Datasheet HTML 5Page - Texas Instruments CSD17310Q5A Datasheet HTML 6Page - Texas Instruments CSD17310Q5A Datasheet HTML 7Page - Texas Instruments CSD17310Q5A Datasheet HTML 8Page - Texas Instruments CSD17310Q5A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC - Case Temperature - °C
-75
-25
25
75
125
175
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
G007
ID = 20A
VGS = 8V
VSD - Source-to-Drain Voltage - V
0
0.2
0.4
0.6
0.8
1
0.0001
0.001
0.01
0.1
1
10
100
TC = 25°C
TC = 125°C
G008
VDS - Drain-to-Source Voltage - V
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1k
1ms
10ms
1s
DC
G009
Area Limited
by RDS(on)
Single Pulse
Typical RθJA = 98°C/W (min Cu)
1001
100ms
t(AV) - Time in Avalanche - ms
0.01
0.1
1
10
100
1
10
100
1k
TC = 25°C
TC = 125°C
G010
TC - Case Temperature - °C
-50
-25
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
G011
CSD17310Q5A
www.ti.com
SLPS255 – FEBRUARY 2010
TYPICAL MOSFET CHARACTERISTICS (continued)
(TA = 25°C unless otherwise stated)
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 8. Normalized On-State Resistance vs. Temperature
Figure 9. Typical Diode Forward Voltage
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 10. Maximum Safe Operating Area
Figure 11. Single Pulse Unclamped Inductive Switching
TEXT ADDED FOR SPACING
Figure 12. Maximum Drain Current vs. Temperature
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CSD17310Q5A


Numéro de pièce similaire - CSD17310Q5A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD17310Q5A TI1-CSD17310Q5A Datasheet
1Mb / 23P
[Old version datasheet]   Using the TPS51916EVM-746 Complete DDR2, DDR3
More results

Description similaire - CSD17310Q5A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD17571Q2 TI1-CSD17571Q2 Datasheet
908Kb / 11P
[Old version datasheet]   30V N-Channel NexFET Power MOSFETs
CSD17306Q5A TI-CSD17306Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17305Q5A TI-CSD17305Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17322Q5A TI1-CSD17322Q5A Datasheet
617Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A_101 TI-CSD17301Q5A_101 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17302Q5A TI-CSD17302Q5A Datasheet
359Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17304Q3 TI-CSD17304Q3 Datasheet
373Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFETs
CSD17505Q5A TI1-CSD17505Q5A Datasheet
335Kb / 12P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17506Q5A TI1-CSD17506Q5A Datasheet
202Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
DECEMBER2010
CSD17507Q5A TI-CSD17507Q5A_10 Datasheet
347Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A TI-CSD17301Q5A_10 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com