Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSL-174SO Fiches technique(PDF) 2 Page - Unity Opto Technology

No de pièce MSL-174SO
Description  Surface Mount Chip LEDs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UOT [Unity Opto Technology]
Site Internet  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MSL-174SO Fiches technique(HTML) 2 Page - Unity Opto Technology

  MSL-174SO Datasheet HTML 1Page - Unity Opto Technology MSL-174SO Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MSL-174SO
Optical-Electrical Characteristics
Parameter
Test Conditions
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IF=20mA
IV
40
80
-
mcd
Forward Voltage
IF=20mA
VF
-
2.2
2.5
V
Reverse Current
IR
-
-
10
µA
Peak/Dominant Wavelength
IF=20mA
λ
p/λd
-
610/605
-
nm
Spectral Linewidth
IF=20mA
∆λ
-
20
-
nm
Viewing Angle
IF=20mA
1/2
-
130
-
deg.
Typical Optical-Electrical Characteristic Curves
11/24/2000
VR=5V
@ T
A=25
oC
Unity Opto Technology Co., Ltd.
Ambient Temperature (
oC)
FIG.5 LUMINOUS INTENSITY VS.
AMBIENT TEMPERATURE
Ambient Temperature(
)
FIG. 3 FORWARD CURRENT
VS. AMBIENT TEMPERATURE.
Forward Voltage (V)
FIG.2 FORWARD CURRENT
VS. FORWARD VOLTAGE.
0.5 0.3 0.1
0.2 0.4 0.6
1.0
0.9
0.8
0
o
10
o
20
o
FIG.6 RADIATION DIAGRAM
90°
70°
30°
40°
60°
50°
80°
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
5
10
15
20
25
Forward current (mA)
FIG. 4 RELATIVE LUMINOUS INTENSITY
VS. FORWARD CURRENT.
0
10
20
30
40
0
25
50
75
100
0.1
1
10
0
20
30
50
70
90
0
0.5
1
550
580
610
640
670
Wavelength (nm)
FIG.1 RELATIVE INTENSITY LUMINOUS
VS. WAVELENGTH
0
5
10
15
20
25
30
1.0
1.5
2.0
2.5
3.0


Numéro de pièce similaire - MSL-174SO

FabricantNo de pièceFiches techniqueDescription
logo
Unity Opto Technology
MSL-174SG UOT-MSL-174SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
More results

Description similaire - MSL-174SO

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-174UG UOT-MSL-174UG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-194SO UOT-MSL-194SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HSMG-C110 AVAGO-HSMG-C110 Datasheet
128Kb / 12P
   Surface Mount Chip LEDs
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com