Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPC-1270H-P2AE Fiches technique(PDF) 2 Page - Advantech Co., Ltd.

No de pièce TPC-1270H-P2AE
Description  12.1 SVGA TFT LCD Pentium짰 M/ Celeron짰 M Touch Panel Computer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADVANTECH [Advantech Co., Ltd.]
Site Internet  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-1270H-P2AE Fiches technique(HTML) 2 Page - Advantech Co., Ltd.

  TPC-1270H-P2AE Datasheet HTML 1Page - Advantech Co., Ltd. TPC-1270H-P2AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Ordering Information
ƒ
ƒ
TPC-1270H-P2AEƒ
12"ƒSVGAƒTouchƒPanelƒPC,ƒPentiumƒMƒ1.4ƒGHz,1ƒGB
ƒ
ƒ
TPC-1270H-C1AEƒ
12"ƒSVGAƒTouchƒPanelƒPC,ƒCeleronƒMƒ1ƒGHz,ƒ512ƒMB
ƒ
ƒ
TPC-1270H-SMKEƒ
TPC-1270HƒDesktopƒStand
ƒ
ƒ
TPC-1270H-WMKEƒ
TPC-1270HƒWallmountƒKit
ƒ
ƒ
TPC-1270H-EPKEƒ
TPCƒSeriesƒPC/PCI-104ƒExtensionƒKit
ƒ
ƒ
PWR-247-AEƒ
24ƒVƒ50ƒWƒAC-DCƒPowerƒAdapter
Panel Cut-out Dimensions: 302.5 x 228.5 mm
TPC-1270H
Rear View
a.ƒVGA
b.ƒUSBƒ2.0
c.ƒLANƒ(10/100/1000)
d.ƒCOMƒ(RS-232)
e.ƒƒCOMƒ(RS-232/422/485)
f.ƒ Audioƒ(MIC,ƒLine-Out)
g.ƒCompactFlash
h.ƒPCI-104
i.ƒ 2.5"ƒSATAƒHDDƒHousing
j.ƒ PowerƒSwitch
kƒ Fuseƒ(3.15A),ƒPowerƒReceptor
i h
g
j
k
f
e
d
c
b
a
311
52.3
301
2.5
247
*ƒWindowsƒXPeƒsupportsƒ10ƒlauquaqesƒwithƒMUI.ƒ(English,ƒTraditiondƒChinese,ƒSimplifiedƒChinese,ƒFreneh,ƒGerman,ƒSpanish,ƒRussian,ƒItalian,ƒJapaneseƒandƒKorean)
Dimensions
Unit:ƒmmƒ


Numéro de pièce similaire - TPC-1270H-P2AE

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TPC-1270H-P1E ETC2-TPC-1270H-P1E Datasheet
393Kb / 2P
   Intel짰 Pentium짰 M/Celeron짰 M Touch Panel Computer with 12.1
More results

Description similaire - TPC-1270H-P2AE

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
TPC-870H ADVANTECH-TPC-870H Datasheet
849Kb / 2P
   10.4 SVGA TFT LCD Celeron짰 M Touch Panel Computer
TPC-1570H ADVANTECH-TPC-1570H Datasheet
816Kb / 2P
   15 XGA TFT LCD Pentium짰 M/ Celeron짰 M Touch Panel Computer
logo
List of Unclassifed Man...
TPC-1270H ETC2-TPC-1270H Datasheet
393Kb / 2P
   Intel짰 Pentium짰 M/Celeron짰 M Touch Panel Computer with 12.1
logo
Advantech Co., Ltd.
TPC-1261H ADVANTECH-TPC-1261H Datasheet
395Kb / 2P
   12.1 SVGA TFT LCD Geode??LX800 Touch Panel Computer
TPC-120H ADVANTECH-TPC-120H Datasheet
978Kb / 2P
   12.1 SVGA TFT LCD XScale PXA270 Touch Panel Computer with CAN-bus
TREK-776 ADVANTECH-TREK-776 Datasheet
448Kb / 2P
   12.1 Vehicle Mounted Computer with Pentium짰 LV M/ ULV Celeron짰 M Processor
logo
Axiomtek Co., Ltd.
GOT5120T-845 AXIOMTEK-GOT5120T-845_17 Datasheet
449Kb / 2P
   12.1 XGA/SVGA TFT Fanless Touch Panel Computer with Intel Celeron
logo
LG Semicon Co.,Ltd.
LB121S03 LG-LB121S03 Datasheet
396Kb / 23P
   12.1??SVGA TFT LCD
logo
AAEON Technology
OPD-212A AAEON-OPD-212A Datasheet
257Kb / 2P
   12.1??TFT SVGA LCD
logo
Advantech Co., Ltd.
IPPC-6152A ADVANTECH-IPPC-6152A Datasheet
697Kb / 2P
   15 XGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com