Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPC-32T Fiches technique(PDF) 2 Page - Advantech Co., Ltd.

No de pièce TPC-32T
Description  3.5 QVGA TFT LCD XScale PXA270 Touch Panel Computer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADVANTECH [Advantech Co., Ltd.]
Site Internet  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-32T Fiches technique(HTML) 2 Page - Advantech Co., Ltd.

  TPC-32T Datasheet HTML 1Page - Advantech Co., Ltd. TPC-32T Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
TPC-30T
TPC-32T
Panel Cut-out Dimensions: 115 x 79.5 mm
Side View
Rear View
SD Slot
USB 1.1 (Host)
LAN (10/100) COM (RS-232/485) for TPC-30T
CAN-Bus for TPC-32T
Power Receptor
Ordering Information
TPC-30T-E2AE
3.5" QVGA Touch Panel PC, PXA270 312 MHz, 64 MB
TPC-32T-E2AE
3.5" QVGA Touch Panel PC, PXA270 312 MHz,
CAN-bus
PWR-247-AE
24 V 50 W AC-DC Power Adapter
120.79
26.50
114.12
5
72.70
Dimensions
Unit: mm


Numéro de pièce similaire - TPC-32T

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TPC-320-12S TOPPOWER-TPC-320-12S Datasheet
582Kb / 5P
   300-312W Wide input AC/DC switching power supply
TPC-320-24S TOPPOWER-TPC-320-24S Datasheet
582Kb / 5P
   300-312W Wide input AC/DC switching power supply
TPC-320-XS TOPPOWER-TPC-320-XS Datasheet
582Kb / 5P
   300-312W Wide input AC/DC switching power supply
logo
Advantech Co., Ltd.
TPC-324W ADVANTECH-TPC-324W Datasheet
610Kb / 2P
   23.8" FHD TFT LED LCD Touch Panel Computer with 8th Gen. Intel® Core™ i3/i5/i7 Processor, built-in 8G DDR4 RAM
20-Jul-2022
TPC-324W-EHL ADVANTECH-TPC-324W-EHL Datasheet
546Kb / 2P
   23.8" FHD Elkhart Lake Thin-Client Terminal with Intel® Atom™/ Celeron® Processor
10-Sep-2021
More results

Description similaire - TPC-32T

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
TPC-68T ADVANTECH-TPC-68T Datasheet
267Kb / 2P
   5.7 QVGA CSTN LCD XScale PXA270 Touch Panel Computer
TPC-66SN ADVANTECH-TPC-66SN Datasheet
664Kb / 2P
   5.7 QVGA CSTN LCD XScale PXA270 Touch Panel Computer
TPC-120H ADVANTECH-TPC-120H Datasheet
978Kb / 2P
   12.1 SVGA TFT LCD XScale PXA270 Touch Panel Computer with CAN-bus
TPC-31T-E3AE ADVANTECH-TPC-31T-E3AE Datasheet
684Kb / 2P
   3.5"/5.7" QVGA TFT LED LCD TI Cortex-A8 Touch Panel Computer
TPC-61T ADVANTECH-TPC-61T Datasheet
771Kb / 2P
   5.7"/3.5" QVGA TFT LED LCD TI Cortex-A8 Touch Panel Computer
5-Jan-2021
logo
Schneider Electric
HMIGTO1310FW SCHNEIDER-HMIGTO1310FW Datasheet
101Kb / 3P
   Advanced touchscreen panel, Harmony GTO, 3.5 Color Touch QVGA TFT, logo removed
Apr 27, 2022
logo
Advantech Co., Ltd.
TPC-660E ADVANTECH-TPC-660E Datasheet
709Kb / 2P
   5.7 VGA TFT LCD Geode??LX800 Touch Panel Computer
TPC-870H ADVANTECH-TPC-870H Datasheet
849Kb / 2P
   10.4 SVGA TFT LCD Celeron짰 M Touch Panel Computer
logo
Purdy Electronics Corpo...
AND-TFT-35VX-UHB-TS PURDY-AND-TFT-35VX-UHB-TS Datasheet
2Mb / 6P
   TFT LCD Touch Panel
logo
Advantech Co., Ltd.
TPC-1261H ADVANTECH-TPC-1261H Datasheet
395Kb / 2P
   12.1 SVGA TFT LCD Geode??LX800 Touch Panel Computer
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com