Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSB1184 Fiches technique(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No de pièce TSB1184
Description  Low Vcesat PNP Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSB1184 Fiches technique(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSB1184 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSB1184 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSB1184 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSB1184 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TSB1184
Low Vcesat PNP Transistor
1/4
Version: A08
TO-252
(DPAK)
PRODUCT SUMMARY
BVCBO
-40V
BVCEO
-30V
IC
-3A
VCE(SAT)
-0.3V @ IC / IB = -2A / -100mA
Features
Low VCE(SAT) -0.3V @ IC / IB = -2A / -100mA (Typ.)
Excellent DC current gain characteristics
Structure
Epitaxial Planar Type
PNP Silicon Transistor
Ordering Information
Part No.
Package
Packing
TSB1184CP RO
TO-252
2.5Kpcs / 13” Reel
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-6
V
DC
-3
Collector Current
Pulse
IC
-7 (note)
A
Ta=25ºC
1
Collector Power Dissipation
Tc=25ºC
PD
5
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Note: Single pulse, Pw=10ms
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
IC = -50uA, IE = 0
BVCBO
-40
--
--
V
Collector-Emitter Breakdown Voltage
IC = -1mA, IB = 0
BVCEO
-30
--
--
V
Emitter-Base Breakdown Voltage
IE = -50uA, IC = 0
BVEBO
-6
--
--
V
Collector Cutoff Current
VCB = -40V, IE = 0
ICBO
--
--
-1
uA
Emitter Cutoff Current
VEB = -4V, IC = 0
IEBO
--
--
-1
uA
Collector-Emitter Saturation Voltage
IC / IB = -2A / -200mA
*VCE(SAT)
--
-0.3
-0.5
V
DC Current Transfer Ratio
VCE = -2V, IC = -100mA
*hFE
120
--
560
Transition Frequency
VCE =-5V, IC=-100mA,
f=30MHz
fT
--
80
--
MHz
Output Capacitance
VCB = -10V, f=1MHz
Cob
--
55
--
pF
* Pulse Test: Pulse Width ≤380uS, Duty Cycle≤2%
Pin Definition:
1. Base
2. Collector
3. Emitter


Numéro de pièce similaire - TSB1184

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TSB1184 TSC-TSB1184 Datasheet
45Kb / 3P
   Low Vce(sat) PNP Transistor
TSB1184A TSC-TSB1184A Datasheet
45Kb / 3P
   Low Vce(sat) PNP Transistor
TSB1184A TSC-TSB1184A Datasheet
314Kb / 4P
   Low Vcesat PNP Transistor
TSB1184ACP TSC-TSB1184ACP Datasheet
45Kb / 3P
   Low Vce(sat) PNP Transistor
TSB1184ACPQ TSC-TSB1184ACPQ Datasheet
45Kb / 3P
   Low Vce(sat) PNP Transistor
More results

Description similaire - TSB1184

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TSB772S TSC-TSB772S_07 Datasheet
249Kb / 4P
   Low Vcesat PNP Transistor
TSB1132 TSC-TSB1132_1 Datasheet
198Kb / 4P
   Low Vcesat PNP Transistor
TSB1424 TSC-TSB1424_07 Datasheet
232Kb / 4P
   Low Vcesat PNP Transistor
TSB1412 TSC-TSB1412_11 Datasheet
249Kb / 4P
   Low Vcesat PNP Transistor
TSB772 TSC-TSB772_13 Datasheet
106Kb / 4P
   Low Vcesat PNP Transistor
TSB1184A TSC-TSB1184A_1 Datasheet
314Kb / 4P
   Low Vcesat PNP Transistor
TSB1590 TSC-TSB1590_1 Datasheet
271Kb / 4P
   Low Vcesat PNP Transistor
TSB772 TSC-TSB772_11 Datasheet
98Kb / 4P
   Low Vcesat PNP Transistor
TSB772 TSC-TSB772_07 Datasheet
225Kb / 4P
   Low Vcesat PNP Transistor
TSB1412 TSC-TSB1412 Datasheet
220Kb / 4P
   Low Vcesat PNP Transistor
TSB772S TSC-TSB772S_10 Datasheet
89Kb / 4P
   Low Vcesat PNP Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com