Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5218 Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS5218
Description  800mA Ultra Low Dropout Voltage Regulator with Enable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5218 Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS5218 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5218 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5218 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5218 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5218 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5218 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5218 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS5218
800mA Ultra Low Dropout
Voltage Regulator with Enable
2/7
Version: A09
Electrical Characteristics
VIN = VOUT + 1V, VIN =2.5V for fixed reference output voltage, Venable= 2.25V, Ta = 25
oC, unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
IL=10mA
0.980|Vo|
1.020|Vo|
Fixed Reference Output Voltage
10mA ≤ IL ≤ 800mA,
2.5V ≤ VIN ≤ 16V
0.970|Vo|
1.24
(VREF)
1.030|Vo|
V
Line Regulation
IL=10mA, Vo+1V ≤ VIN ≤ 16V
--
0.05
0.5
%
VIN =Vout+1V, 8mA≤IL≤300mA
--
0.05
0.1
Load Regulation
VIN =Vout+1V, 10mA≤IL≤800mA
--
0.2
1.0
%
Output Voltage Temp. Coefficient
--
40
100
ppm/
oC
Dropout Voltage (Note 5)
ΔVOUT = -1%
IL=100mA
IL=400mA
IL=800mA
--
--
--
100
300
400
250
380
700
mV
Quiescent Current (Note 6)
VIN= VOUT +1V
IL=100mA
IL=500mA
IL=800mA
--
--
--
0.7
4.0
12.0
2
6
20
mA
Current Limited
VOUT =0, VIN = VOUT +1V
--
1.8
--
A
Low (OFF)
--
--
0.8
Input Logic Voltage
High (ON)
2.25
--
--
V
VEN =2.25V
--
--
75
Enable Pin Input Current
VEN =0.8V
--
--
4
uA
Adjust Pin Bias Current
--
40
120
nA
Reference Voltage Temp. Coefficient
(Note 8)
--
20
--
ppm/
oC
Adjust Pin Bias Current Temp. Coefficient
--
0.1
--
nA/
oC
Note:
1. Absolute Maximum Rating is limits beyond which damage to the device may occur. For guaranteed specifications
and test conditions see the Electrical Characteristics.
2. The device is not guaranteed to operate outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended.
4. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ, the junction to
ambient thermal resistance, ӨJA, and the ambient temperature, Ta. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. The effective
value of ӨJA can be reduced by using a heat sink, Pd(max) = (TJ(max) – Ta) / ӨJA.
5. Dropout voltage is defined as the input to output differential at which the output voltage drops -1% below its nominal
value measured at 1V differential.
6. Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the
ground pin current and output load current, IGND = IIN - IOUT for fix output voltage, IGND = IIN - IOUT +10mA for fix
reference output voltage in full load regulation.
7. VREF ≤ VOUT ≤ (VIN – 1V), 2.25V ≤ VIN ≤ 16V, 10mA ≤ IL ≤ 1.0A.
8. Output voltage temperature coefficient is ΔVOUT (worse cast) / (TJ(max) – TJ(MIN)) where is TJ(max) +125
oC and TJ(MIN) is
0
oC.


Numéro de pièce similaire - TS5218

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS5218CQRF TSC-TS5218CQRF Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
TS5218 TSC-TS5218_09 Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
More results

Description similaire - TS5218

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS5218 TSC-TS5218_09 Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
logo
Acutechnology Semicondu...
AQ8211 ACUTECH-AQ8211 Datasheet
631Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator with Enable
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1117M3-L-3.3 EXAR-SPX1117M3-L-3.3 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908 Datasheet
65Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117_07 Datasheet
464Kb / 16P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908_05 Datasheet
63Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com