Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MIE-534H4 Fiches technique(PDF) 1 Page - Unity Opto Technology

No de pièce MIE-534H4
Description  GaAlAs HIGH POWER T-1 3/4 PACKAGE INFRARED EMITTING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UOT [Unity Opto Technology]
Site Internet  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIE-534H4 Fiches technique(HTML) 1 Page - Unity Opto Technology

  MIE-534H4 Datasheet HTML 1Page - Unity Opto Technology MIE-534H4 Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GaAlAs HIGH POWER T-1 3/4 PACKAGE
INFRARED EMITTING DIODE
MIE-534H4
Description
Package Dimensions
The MIE-534H4 is a GaAlAs infrared LED having a
peak wavelength at 850nm. It features ultra-high power,
high response speed and molded package with higher
radiant intensity. In addition to improving the S/N ratio
in applied optical systems, the MIE-534H4 has greatly
improved long-distance characteristics as well as sign-
ificantly increased its range of applicability .
Features
l
Ultra-High radiant intensity
l
High response speed
l
Standard T-1 3/4 (
φ5mm) package
l
Peak wavelength
λ
P =850 nm
l
Radiant angle : 30°
Application
l
Data communication
l
SIR
Absolute Maximum Ratings
Parameter
Maximum Rating
Unit
Power Dissipation
120
mW
Peak Forward Current(300pps,10
µs pulse)
1
A
Continuos Forward Current
100
mA
Reverse Voltage
5
V
Operating Temperature Range
-55
oC to +100oC
Storage Temperature Range
-55
oC to +100oC
Lead Soldering Temperature
260
oC for 5 seconds
11/17/2000
'@ TA=25
oC
Unity Opto Technology Co., Ltd.
φ5.05
(.200)
2.54NOM.
(.100)
SEE NOTE 2
7.62
(.300)
1.00
(.040)
0.50 TYP.
(.020)
23.40 MIN
(.920)
1.00MIN.
(.040)
A
C
FLAT DENOTES CATHODE
5.90
(.230)
5.47
(.215)
SEE NOTE 3
Unit: mm (inches)
Notes :
1. Tolerance is ± 0.25 mm (.010") unless otherwise noted.
2. Protruded resin under flange is 1.5 mm (.059") max.
3. Lead spacing is measured where the leads emerge from the package.


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn