Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES-3115G-VXAE Fiches technique(PDF) 2 Page - Advantech Co., Ltd.

No de pièce ES-3115G-VXAE
Description  15 Industrial LCD Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADVANTECH [Advantech Co., Ltd.]
Site Internet  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ES-3115G-VXAE Fiches technique(HTML) 2 Page - Advantech Co., Ltd.

  ES-3115G-VXAE Datasheet HTML 1Page - Advantech Co., Ltd. ES-3115G-VXAE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
Ordering Information
P/N
Type
Brightness (cd/m2) Interface
Touchscreen
Touch Interface
Transflective
ES-3115G-VXAE
Open Frame
350
VGA
Tempered Glass
N/A
N/A
ES-3115R-VXAE
Open Frame
350
VGA
5-Wire Resistive
RS-232/USB
N/A
ES-3115C-VXAE
Open Frame
350
VGA
Capacitive
RS-232
N/A
ES-3115S-VXAE
Open Frame
350
VGA
SAW
RS-232/USB
N/A
ES-3115V-VXAE
Open Frame
350
VGA
Infrared
RS-232/USB
N/A
ES-3115C-VXA-SRE
Open Frame
550
VGA
Capacitive
RS-232
Eco-Transflective
Notes
1.) Capacitive, SAW and Infrared touch panels are recommended for applications requiring sunlight readable outdoor solutions.
2.) The list above is of major part numbers for your reference. Other combinations of LCD, touchscreen and signal interface features can be found in the Advantech Display
Solutions. The Selection Wizard (http://www.advantech.com.tw/ePlatform/DS/DisplaySolution.asp) or CTOS services can be used to get your demand configuration and part
numbers to us for ordering.
3.) For special requests, we welcome you to use the Display Solution DTOS service.
Power Code Options
Part Name
Description
1702002600
Power Cable UL/CSA (USA) 180 cm
1702031801
Power Cable (UK) 5A-Fuse 180 cm
1702002605
Power Cable 220 V EUROPEAN 250 V/6 A (FRANCE) 180 cm
ES-3115
210,50
300,05
395,90
414,00
278,00
377,60
305,50
(SAW - 51,00 )
(Glass, IR, Cap, R - 52,00)
SUGGESTED
Display opening size


Numéro de pièce similaire - ES-3115G-VXAE

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
ES-3112 ADVANTECH-ES-3112 Datasheet
277Kb / 2P
   12.1 Industrial LCD Monitor
ES-3112C-VSAE ADVANTECH-ES-3112C-VSAE Datasheet
277Kb / 2P
   12.1 Industrial LCD Monitor
ES-3112C-VSS-SRE ADVANTECH-ES-3112C-VSS-SRE Datasheet
277Kb / 2P
   12.1 Industrial LCD Monitor
ES-3112G-VSAE ADVANTECH-ES-3112G-VSAE Datasheet
277Kb / 2P
   12.1 Industrial LCD Monitor
ES-3112R-VSAE ADVANTECH-ES-3112R-VSAE Datasheet
277Kb / 2P
   12.1 Industrial LCD Monitor
More results

Description similaire - ES-3115G-VXAE

FabricantNo de pièceFiches techniqueDescription
logo
Axiomtek Co., Ltd.
LD-150 AXIOMTEK-LD-150 Datasheet
132Kb / 1P
   15 Industrial Open Frame LCD Monitor
P6153LPR-AC-U AXIOMTEK-P6153LPR-AC-U Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
P6153LPR-AC-RS AXIOMTEK-P6153LPR-AC-RS Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
P6153PR-24VDC-U-V3-RC AXIOMTEK-P6153PR-24VDC-U-V3-RC Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
LS-320 AXIOMTEK-LS-320 Datasheet
104Kb / 1P
   Industrial LCD Monitor
LS-420 AXIOMTEK-LS-420 Datasheet
115Kb / 1P
   Industrial LCD Monitor
LS-270 AXIOMTEK-LS-270 Datasheet
67Kb / 1P
   Industrial LCD Monitor
logo
Advantech Co., Ltd.
ES-3112 ADVANTECH-ES-3112 Datasheet
277Kb / 2P
   12.1 Industrial LCD Monitor
logo
Axiomtek Co., Ltd.
P6151 AXIOMTEK-P6151_17 Datasheet
283Kb / 2P
   15 XGA TFT Industrial LCD Monitor with Digital IO
logo
DFI Inc
IDP150-MS DFI-IDP150-MS Datasheet
151Kb / 2P
   15" Industrial Touch Monitor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com