Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ES-2119R-VEAE Datasheet(Fiches technique) 2 Page - Advantech Co., Ltd.

Numéro de pièce ES-2119R-VEAE
Description  19 Open Frame and Rugged Panel Mount Monitor
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ADVANTECH [Advantech Co., Ltd.]
Site Internet  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ES-2119R-VEAE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ES-2119R-VEAE Datenblatt HTML 1Page - Advantech Co., Ltd. ES-2119R-VEAE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
Ordering Information
P/N
Type
Brightness (cd/m2) Interface
Touchscreen
Touch Interface
Anti-Reflection
ES-2119G-VEAE
Open Frame
300
VGA
Tempered Glass
N/A
N/A
ES-2119R-VEAE
Open Frame
300
VGA
5-Wire Resistive
RS-232/USB
N/A
ES-2119C-VEAE
Open Frame
300
VGA
Capacitive
RS-232
N/A
ES-2119S-VEAE
Open Frame
300
VGA
SAW
RS-232/USB
N/A
ES-2119R-LEA-05E
Open Frame
300
LVDS
5-Wire Resistive
RS-232/USB
N/A
ES-2219R-VEAE
Rugged panel mount
300
VGA
5-Wire Resistive
RS-232/USB
N/A
ES-2219C-VEA-SRE
Rugged panel mount
450
VGA
Capacitive
RS-232
Yes
Notes:
1.) Capacitive, SAW and Infrared touch panels are recommended for applications requiring sunlight readable outdoor solutions.
2.) The list above is of major part numbers for your reference. Other combinations of LCD, touchscreen and signal interface features can be found in the Advantech Display
Solutions. The Selection Wizard (http://www.advantech.com.tw/ePlatform/DS/DisplaySolution.asp) or CTOS services can be used to get your demand configuration and part
numbers to us for ordering.
3.) For special requests, we welcome you to use the Display Solution DTOS service.
ES-2119/2219
ES-2119
ES-2219
38.10
75.00
100.00
10.00
31.70 60.90
382.40
446.40
474.80
446.00
464.40
56.58
4.18
110.00
126.00
126.00
38.10
75.00
100.00
126.00 110.00 126.00
M3 TAP
378.00
CUT OUT
55.5
3.1
56.58
4.18
3.7
56.09
8.2
60.6
(DMC
Resistive
T/S)
(3M
Capactive
T/S)
(ELO SAW
T/S)
(ELO SAW
T/S)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn