Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MIE-406A4U Fiches technique(PDF) 1 Page - Unity Opto Technology

No de pièce MIE-406A4U
Description  AlGaAs/GaAs HIGH POWER TO-46 PACKAGE INFRARED EMITTING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UOT [Unity Opto Technology]
Site Internet  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIE-406A4U Fiches technique(HTML) 1 Page - Unity Opto Technology

  MIE-406A4U Datasheet HTML 1Page - Unity Opto Technology MIE-406A4U Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AlGaAs/GaAs HIGH POWER TO-46 PACKAGE
INFRARED EMITTING DIODE
MIE-406A4U
Description
Package Dimensions
Features
l
High radiant power and high radiant intensity
l
Standard TO-46 package, radiant angle : 25°
l
Peak wavelength
λ
p = 940 nm
l
Good spectral matching to si-photodetector
Absolute Maximum Ratings
Parameter
Maximum Rating
Unit
Power Dissipation
120
mW
Peak Forward Current(300pps,10
µs pulse)
1
A
Continuos Forward Current
100
mA
Reverse Voltage
5
V
Operating Temperature Range
-55
oC to +100oC
Storage Temperature Range
-55
oC to +100oC
Lead Soldering Temperature
260
oC for 5 seconds
11/17/2000
@ TA=25
oC
Notes :
1. Tolerance is ± 0.25 mm (.010") unless otherwise noted.
2. Protruded resin under flange is 1.5 mm (.059") max.
3. Lead spacing is measured where the leads emerge from the package.
@ T
A=25
oC
The MIE-406A4U is an infrared emitting diodes in
GaAs technology with AlGaAs window coating
molded in plastic pink transparent package.
Unit : mm ( inches )
Unity Opto Technology Co., Ltd.
5.46
(.215)
.50 TYP.
(.020)
2.54
(.100)
.70
(.028)
5.60
(.221)
φ4.75
(.187)
1.00 MIN
(.040)
.25 MAX
(.059 )
CATHODE
INDICATOR
45°
25.00 MIN
(.984)
A
C
@ T
A=25
oC


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn