Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MIE-406A4U Fiches technique(PDF) 2 Page - Unity Opto Technology

No de pièce MIE-406A4U
Description  AlGaAs/GaAs HIGH POWER TO-46 PACKAGE INFRARED EMITTING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UOT [Unity Opto Technology]
Site Internet  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIE-406A4U Fiches technique(HTML) 2 Page - Unity Opto Technology

  MIE-406A4U Datasheet HTML 1Page - Unity Opto Technology MIE-406A4U Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MIE-406A4U
Optical-Electrical Characteristics
Parameter
Test Conditions
Symbol
Min.
Typ .
Max.
Unit
Radiant Intensity
IF=20mA
Ie
-
2.5
-
mW/sr
Forward Voltage
IF=50mA
VF
-
1.30
1.50
V
Reverse Current
VR= 5V
IR
-
-
100
µA
Peak Wavelength
IF=20mA
λp
-
940
-
nm
Spectral Bandwidth
IF=20mA
∆λ
-
50
-
nm
View Angle
IF=20mA
1/2
-
25
-
deg.
Typical Optical-Electrical Characteristic Curves
11/17/2000
@ T
A=25
oC
Unity Opto Technology Co., Ltd.
0
1
2
3
4
5
0
20
40
60
80 100
Forward Current (mA)
FIG.5 RELATIVE RADIANT INTENSITY
VS. FORWARD CURRENT
Forward Voltage (V)
FIG.3 FORWARD CURRENT VS.
FORWARD VOLTAGE
0
0.5
1
1.5
2
2.5
3
-40 -20
0
20
40
60
Ambient Temperature TA (
oC)
FIG.4 RELATIVE RADIANT INTENSITY
VS. AMBIENT TEMPERATURE
Ambient Temperature TA(
oC)
FIG.2 FORWARD CURRENT VS.
AMBIENT TEMPERATURE
-55 -25
0
25
50
75 100 125
0
50
60
70
80
90
100
FIG.6 RADIATION DIAGRAM
0.5 0.3 0.1
0.2 0.4 0.6
30°
40°
90°
70°
60°
50°
80°
1.0
0.9
0.8
0° 10°
20°
0
0.5
1
840
940
1040
Wavelength (nm)
FIG.1 SPECTRAL DISTRIBUTION
0
20
40
60
80
100
0.8 1.2 1.6
2
2.4 2.8


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn