Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS1K Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce GS1K
Description  1.0 AMPS. Surface Mount Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GS1K Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  GS1K Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GS1K Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (GS1A THOU GS1M)
FIG.1 Maximum Forward Current Derating Curve
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
25
50
75
100
125
150
Lead Temperature (
oC)
FIG 2 Maximum Forward Surge Current
0
10
20
30
40
50
1
10
100
Number of Cycles at 60 Hz
FIG 3 TYPICAL FORWARD CHARACTERISTICS
0.01
0.1
1
10
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Forward Voltage (V)
FIG 4 TYPICAL REVERSE LEAKAGE
CHARACTERISTICS
Ta= 25
oC
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
Percentage of VR (%)
Ta=125
oC
FIG 5 Typical Junction Capacitance
10
100
1000
0.1
1
10
100
Reverse Voltage (V)
Tj=25
oC
f=1.0MHZ
Vsig=50mVp-
p
Version : A09


Numéro de pièce similaire - GS1K

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
GS1K PANJIT-GS1K Datasheet
53Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Gulf Semiconductor
GS1K GULFSEMI-GS1K Datasheet
278Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
logo
Nantong Hornby Electron...
GS1K HORNBY-GS1K Datasheet
386Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
Surge Components
GS1K SURGE-GS1K Datasheet
85Kb / 2P
   SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere?
logo
Pan Jit International I...
GS1K PANJIT-GS1K Datasheet
161Kb / 3P
   SURFACE MOUNT RECTIFIER
More results

Description similaire - GS1K

FabricantNo de pièceFiches techniqueDescription
logo
Jinan Gude Electronic D...
S3A JGD-S3A Datasheet
169Kb / 2P
   1.0 AMPS SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
SS12E TSC-SS12E Datasheet
523Kb / 3P
   1.0 AMPS. Surface Mount Schottky Rectifiers
US1A TSC-US1A Datasheet
54Kb / 2P
   1.0 Amps. Surface Mount Ultrafast Rectifiers
1N4001 TSC-1N4001_11 Datasheet
144Kb / 2P
   1.0 AMPS. Silicon Rectifiers
logo
Shenzhen Luguang Electr...
ES1A LUGUANG-ES1A Datasheet
182Kb / 2P
   1.0 AMPS. Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
BY133 TSC-BY133 Datasheet
82Kb / 2P
   1.0 AMPS. Silicon Rectifiers
logo
Shenzhen Luguang Electr...
HS1A LUGUANG-HS1A Datasheet
182Kb / 2P
   1.0 AMPS. High Efficient Surface Mount Rectifiers
logo
Gaomi Xinghe Electronic...
SK12B GXELECTRONICS-SK12B Datasheet
465Kb / 2P
   1.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
US1A TSC-US1A_1 Datasheet
132Kb / 2P
   1.0 Amps. Surface Mount High Efficient Rectifiers
SK12B TSC-SK12B Datasheet
56Kb / 2P
   1.0 AMPS. Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com