Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55B6V2 Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce BZX55B6V2
Description  500mW, 2% Tolerance SMD Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX55B6V2 Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZX55B6V2 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX55B6V2 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX55B6V2 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BZX55B2V4-BZX55B75
500mW, 2% Tolerance SMD Zener Diode
Small Signal Diode
Electrical Characteristics
Ta = 25°C unless otherwise noted
VF Forward Voltage = 1.0V Maximum @ IF = 10 mA for all part numbers
Nom
Min
Max
BZX55B2V4
2.4
2.35
2.45
5.0
85
1.0
600
50
1.0
BZX55B2V7
2.7
2.65
2.75
5.0
85
1.0
600
10
1.0
BZX55B3V0
3.0
2.94
3.06
5.0
85
1.0
600
4.0
1.0
BZX55B3V3
3.3
3.23
3.37
5.0
85
1.0
600
2.0
1.0
BZX55B3V6
3.6
3.53
3.67
5.0
85
1.0
600
2.0
1.0
BZX55B3V9
3.9
3.82
3.98
5.0
85
1.0
600
2.0
1.0
BZX55B4V3
4.3
4.21
4.39
5.0
75
1.0
600
1.0
1.0
BZX55B4V7
4.7
4.61
4.79
5.0
60
1.0
600
0.5
1.0
BZX55B5V1
5.1
5.00
5.20
5.0
35
1.0
550
0.1
1.0
BZX55B5V6
5.6
5.49
5.71
5.0
25
1.0
450
0.1
1.0
BZX55B6V2
6.2
6.08
6.32
5.0
10
1.0
200
0.1
2.0
BZX55B6X8
6.8
6.66
6.94
5.0
8
1.0
150
0.1
3.0
BZX55B7V5
7.5
7.35
7.65
5.0
7
1.0
50
0.1
5.0
BZX55B8V2
8.2
8.04
8.36
5.0
7
1.0
50
0.1
6.2
BZX55B9V1
9.1
8.92
9.28
5.0
10
1.0
50
0.1
6.8
BZX55B10
10
9.80
10.20
5.0
15
1.0
70
0.1
7.5
BZX55B11
11
10.78
11.22
5.0
20
1.0
70
0.1
8.2
BZX55B12
12
11.76
12.24
5.0
20
1.0
90
0.1
9.1
BZX55B13
13
12.74
13.26
5.0
26
1.0
110
0.1
10
BZX55B15
15
14.70
15.30
5.0
30
1.0
110
0.1
11
BZX55B16
16
15.68
16.32
5.0
40
1.0
170
0.1
12
BZX55B18
18
17.64
18.36
5.0
50
1.0
170
0.1
14
BZX55B20
20
19.60
20.40
5.0
55
1.0
220
0.1
15
BZX55B22
22
21.56
22.44
5.0
55
1.0
220
0.1
17
BZX55B24
24
23.52
24.48
5.0
80
1.0
220
0.1
18
BZX55B27
27
26.46
27.54
5.0
80
1.0
220
0.1
20
BZX55B30
30
29.40
30.60
5.0
80
1.0
220
0.1
22
BZX55B33
33
32.34
33.66
5.0
80
1.0
220
0.1
24
BZX55B36
36
35.28
36.72
5.0
80
1.0
220
0.1
27
BZX55B39
39
38.22
39.78
2.5
90
0.5
500
0.1
28
BZX55B43
43
42.14
43.86
2.5
90
0.5
600
0.1
32
BZX55B47
47
46.06
47.94
2.5
110
0.5
700
0.1
35
BZX55B51
51
49.98
52.02
2.5
125
0.5
700
0.1
38
BZX55B56
56
54.88
57.12
2.5
135
0.5
1000
0.1
42
BZX55B62
62
60.76
63.24
2.5
150
0.5
1000
0.1
47
BZX55B68
68
66.64
69.36
2.5
160
0.5
1000
0.1
51
BZX55B75
75
73.50
76.50
2.5
170
0.5
1000
0.1
56
Notes:
1. The Zener Voltage (VZ) is tested under pulse condition of 10ms
2. The device numbers listed have a standard tolerance on the nominal zener voltage of±2%.
ZZT @ IZT(Ω)
Max
4. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms valu
equal to 10% of the DC zener current (IZT or IZK) is superimposed to IZT or IZK.
ZZK @ IZK(Ω)
Max
VZ @ IZT (Volt)
IR @ VR(μA)
Max
IZK(mA)
IZT(mA)
VR(V)
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown an
tighter voltage tolerances, contact your nearestTaiwan semiconductor representative.
Part Number
Version : B09


Numéro de pièce similaire - BZX55B6V2

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BZX55B6V2 VISHAY-BZX55B6V2 Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
New Jersey Semi-Conduct...
BZX55B6V2 NJSEMI-BZX55B6V2 Datasheet
133Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZX55B6V2 VISHAY-BZX55B6V2 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
EIC discrete Semiconduc...
BZX55B6V2 EIC-BZX55B6V2 Datasheet
41Kb / 2P
   SILICON ZENER DIODES
logo
Vishay Siliconix
BZX55B6V2 VISHAY-BZX55B6V2 Datasheet
103Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 25-Nov-11
More results

Description similaire - BZX55B6V2

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
   500mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4_14 Datasheet
187Kb / 6P
   500mW , 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZS55B2V4 TSC-BZS55B2V4 Datasheet
137Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
   500mW, 2% Tolerance Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com