Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLBD1050 Fiches technique(PDF) 6 Page - Marktech Corporate

No de pièce TLBD1050
Description  TOSHIBA LED Lamp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLBD1050 Fiches technique(HTML) 6 Page - Marktech Corporate

  TLBD1050 Datasheet HTML 1Page - Marktech Corporate TLBD1050 Datasheet HTML 2Page - Marktech Corporate TLBD1050 Datasheet HTML 3Page - Marktech Corporate TLBD1050 Datasheet HTML 4Page - Marktech Corporate TLBD1050 Datasheet HTML 5Page - Marktech Corporate TLBD1050 Datasheet HTML 6Page - Marktech Corporate TLBD1050 Datasheet HTML 7Page - Marktech Corporate TLBD1050 Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TLBD1050(T20),TLEGD1050(T20)
2007-5-17
6
Packaging
These LED devices are packed in an aluminum envelope with silica gel and a moisture indicator to prevent
moisture absorption. The optical characteristics of the devices may be affected by exposure to moisture in the air
before soldering and they should therefore be stored under the following conditions:
1. This moisture-proof bag may be stored unopened for up to 12 months under the following conditions.
Temperature: 5
°C~30°C
Humidity: 90% (max)
2. After the moisture-proof bag has been opened, the devices should be assembled within 72 hours in an
environment of 5°C to 30°C/70% RH or below.
3. If, upon opening, the moisture indicator card shows humidity of 30% or above (when the indication color
changes to pink) or the expiration date has passed, the devices should be baked while packed in the tape reel.
After baking, use the baked devices within 72 hours, but perform baking only once.
Baking conditions: 60
±5°C, for 12 to 24 hours.
Expiration date: 12 months from the sealing date, which is imprinted on the same side as this label.
4. Repeated baking may cause the peeling strength of the tape to change, leading to trouble in mounting. Also,
be sure to prevent damage to the device from static electricity during the baking process.
5. Any breakage in the laminate packing material will cause the hermetically of the product to deteriorate. Do
not toss or drop the packed devices.
Mounting Method
Soldering
• Reflow soldering (example)
• The product is evaluated using above reflow soldering conditions. No additional test is performed exceed the
condition (i.e. the condition more than (*)MAX values) as a evaluation. Please perform reflow soldering under
the above conditions.
• Perform the first reflow soldering in accordance with the above temperature profile and within 72 hours of
opening the package.
• Second time reflow
In case of second reflow soldering should be performed within 72 hours of the first reflow under the above
conditions.
Storage conditions before the second reflow soldering: 5∼30
°C, 70% RH max
• Do not perform flow soldering.
• Make any necessary soldering corrections manually.
(only once at each soldering point)
Soldering iron: Less than 25 W
Temperature : Less than 350
°C or less
Time
: within 3 s (Up to 1time per place)
60~120 s
10 s max
240
°C max
4
°C/s max
140~160
°C
4
°C/s max
Time
(s)
Temperature profile for Pb soldering (example)
Time
(s)
Temperature profile for Pb-free soldering (example)
150~180
°C
4
°C/s max
5 s max
260
°C max
4
°C/s max
230
°C
60~120 s
(*)
(*)
(*)
(*)
(*)
(*)
(*)
(*)
max
(*)
max
(*)
max
(*)
30~50s max
(*)
max
(*)


Numéro de pièce similaire - TLBD1050

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
TLBD1052 MARKTECH-TLBD1052 Datasheet
303Kb / 11P
   TOSHIBA LED Lamp
More results

Description similaire - TLBD1050

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLS1002 TOSHIBA-TLS1002 Datasheet
637Kb / 16P
   TOSHIBA LED LAMP
TLRE16TP TOSHIBA-TLRE16TP_05 Datasheet
401Kb / 8P
   TOSHIBA LED Lamp
logo
Marktech Corporate
TLWK1100C MARKTECH-TLWK1100C Datasheet
278Kb / 9P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLRE1002A TOSHIBA-TLRE1002A Datasheet
644Kb / 17P
   TOSHIBA LED LAMP
TLRM1052 TOSHIBA-TLRM1052 Datasheet
340Kb / 14P
   TOSHIBA LED Lamp
TLUR124 TOSHIBA-TLUR124 Datasheet
416Kb / 4P
   TOSHIBA LED LAMP
1996-09-20
logo
Marktech Corporate
TLBD1052 MARKTECH-TLBD1052 Datasheet
303Kb / 11P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLRM1050 TOSHIBA-TLRM1050 Datasheet
308Kb / 14P
   TOSHIBA LED Lamp
TLRH190P TOSHIBA-TLRH190P Datasheet
127Kb / 4P
   TOSHIBA LED Lamp InGaALP Red Light Emission
TLGD231 TOSHIBA-TLGD231 Datasheet
177Kb / 4P
   TOSHIBA LED LAMP Gap GREEN LIGHT EMISSION
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com