Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA1514N3 Fiches technique(PDF) 2 Page - Cystech Electonics Corp.

No de pièce BTA1514N3
Description  General Purpose PNP Epitaxial Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA1514N3 Fiches technique(HTML) 2 Page - Cystech Electonics Corp.

  BTA1514N3_06 Datasheet HTML 1Page - Cystech Electonics Corp. BTA1514N3_06 Datasheet HTML 2Page - Cystech Electonics Corp. BTA1514N3_06 Datasheet HTML 3Page - Cystech Electonics Corp. BTA1514N3_06 Datasheet HTML 4Page - Cystech Electonics Corp. BTA1514N3_06 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C307N3
Issued Date : 2003.06.27
Revised Date : 2006.08.04
Page No. : 2/5
BTA1514N3
CYStek Product Specification
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-160
-
-
V
IC=-50µA
BVCEO
-150
-
-
V
IC=-1mA
BVEBO
-5
-
-
V
IE=-50µA
ICBO
-
-
-50
nA
VCB=-120V
IEBO
-
-
-50
nA
VEB=-4V
*VCE(sat) 1
-
-
-0.2
V
IC=-10mA, IB=-1mA
*VCE(sat) 2
-
-
-0.5
V
IC=-50mA, IB=-5mA
*VBE(sat) 1
-
-
-1
V
IC=-10mA, IB=-1mA
*VBE(sat) 2
-
-
-1
V
IC=-50mA, IB=-5mA
hFE 1
50
-
-
-
VCE=-5V, IC=-1mA
hFE 2
60
-
-
-
VCE=-5V, IC=-10mA
hFE 3
50
-
-
-
VCE=-5V, IC=-50mA
hFE 4
120
-
390
-
VCE=-6V, IC=-2mA
fT
100
-
-
MHz
VCE=-30V, IC=-10mA, f=100MHz
Cob
-
-
6
pF
VCB=-10V, f=1MHz
*Pulse Test: Pulse Width
≤380µs, Duty Cycle≤2%
Classification Of hFE 4
Rank
Q
R
Range
120~270
180~390
Ordering Information
Device
Package
Shipping
Marking
BTA1514N3
SOT-23
(Pb-free)
3000 pcs / Tape & Reel
2L


Numéro de pièce similaire - BTA1514N3_06

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
BTA1514N3 CYSTEKEC-BTA1514N3 Datasheet
163Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
More results

Description similaire - BTA1514N3_06

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTA1042D KEC-KTA1042D Datasheet
395Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
KTA1276 KEC-KTA1276 Datasheet
121Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTB1198M3 CYSTEKEC-BTB1198M3 Datasheet
297Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP1207A3 CYSTEKEC-BTP1207A3 Datasheet
301Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP2907AN3 CYSTEKEC-BTP2907AN3 Datasheet
168Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA733A3 CYSTEKEC-BTA733A3 Datasheet
177Kb / 5P
   General Purpose PNP Epitaxial Planar Transistor
BTA1579S3 CYSTEKEC-BTA1579S3 Datasheet
165Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTP3906N3 CYSTEKEC-BTP3906N3 Datasheet
181Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA9012A3 CYSTEKEC-BTA9012A3 Datasheet
326Kb / 8P
   General Purpose PNP Epitaxial Planar Transistor
BTP5401A3 CYSTEKEC-BTP5401A3 Datasheet
154Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BCP53L3 CYSTEKEC-BCP53L3 Datasheet
265Kb / 7P
   General Purpose PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com