Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC503PPG1-15Q-A3-MT Fiches technique(PDF) 4 Page - Marktech Corporate

No de pièce LC503PPG1-15Q-A3-MT
Description  15 Degree 5mm LED Lamp in Pure Green
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LC503PPG1-15Q-A3-MT Fiches technique(HTML) 4 Page - Marktech Corporate

  LC503PPG1-15Q-A3-MT Datasheet HTML 1Page - Marktech Corporate LC503PPG1-15Q-A3-MT Datasheet HTML 2Page - Marktech Corporate LC503PPG1-15Q-A3-MT Datasheet HTML 3Page - Marktech Corporate LC503PPG1-15Q-A3-MT Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4/4
Format #: COTCO-D-074
REV.4
Document No. SPE/LC503PPG1-15Q-A3-MT
Rev. No.
01
G
Grra
ap
ph
hs
s
1.
Cathode PAD Area (0.18
x 0.18inch2)
2. Height above nominal seating plane in inches(0.3inch)
Items
Signatures
Date
Revision History
Prepared by
LiuZM
2006-04-12
Rev. No
Date
Change Description
Checked by
Aldosin
2006-04-12
Approved by
David
2006-04-12
FCN#
FCN20060
Data is subject to change without prior notice.
Copyright@2002 Cotco International Ltd.


Numéro de pièce similaire - LC503PPG1-15Q-A3-MT

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
LC503PPG1-30P MARKTECH-LC503PPG1-30P Datasheet
438Kb / 2P
   Ultra Bright Green 5mm LED
LC503PPG1-30P-A MARKTECH-LC503PPG1-30P-A Datasheet
210Kb / 2P
   Ultra Bright Green 5mm LED
LC503PPG1-30Q-A MARKTECH-LC503PPG1-30Q-A Datasheet
211Kb / 2P
   5mm Green InGaN Ultra Bright LED
LC503PPG1-30Q-A-MT MARKTECH-LC503PPG1-30Q-A-MT Datasheet
217Kb / 4P
   30 Degree 5mm LED Lamp in Pure Green Color
More results

Description similaire - LC503PPG1-15Q-A3-MT

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
LC503PPG1-30Q-A-MT MARKTECH-LC503PPG1-30Q-A-MT Datasheet
217Kb / 4P
   30 Degree 5mm LED Lamp in Pure Green Color
LO566PPG4-70H-A-MT MARKTECH-LO566PPG4-70H-A-MT Datasheet
219Kb / 4P
   70 Degree 5mm Oval LED Lamp in Pure Green Color
LC503PBL1-15Q-A1-MT MARKTECH-LC503PBL1-15Q-A1-MT Datasheet
217Kb / 4P
   15 Degree 5mm LED Lamp in Blue Color
LO494PPG4-B0G-A3-MT MARKTECH-LO494PPG4-B0G-A3-MT Datasheet
169Kb / 4P
   100 Degree 4mm Oval LED Lamp in Pure Green Color
logo
Roithner LaserTechnik G...
LC503MUV1-30Q ROITHNER-LC503MUV1-30Q Datasheet
122Kb / 7P
   30 degree 5mm led lamp
logo
List of Unclassifed Man...
LC503NPG1-30Q ETC2-LC503NPG1-30Q Datasheet
48Kb / 3P
   30 Degree 5mm LED Lamp in Pure Green Color with Water Transparent Lens and No Stopper
logo
Marktech Corporate
LO566PBL4-70H-A-MT MARKTECH-LO566PBL4-70H-A-MT Datasheet
218Kb / 4P
   70 Degree 5mm Oval LED Lamp in Blue
LC503PBL1-30Q-A-MT MARKTECH-LC503PBL1-30Q-A-MT Datasheet
218Kb / 4P
   30 Degree 5mm LED Lamp in Blue Color
LO566UYL4-70H-A3-MT MARKTECH-LO566UYL4-70H-A3-MT Datasheet
123Kb / 4P
   70 Degree 5mm Oval LED Lamp in Amber Color
LO566UHR4-70H-A3-MT MARKTECH-LO566UHR4-70H-A3-MT Datasheet
116Kb / 4P
   70 Degree 5mm Oval LED Lamp in High Red Color
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com