Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

US1260 Fiches technique(PDF) 3 Page - UNISEM

No de pièce US1260
Description  DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UNISEM [UNISEM]
Site Internet  
Logo UNISEM - UNISEM

US1260 Fiches technique(HTML) 3 Page - UNISEM

  US1260 Datasheet HTML 1Page - UNISEM US1260 Datasheet HTML 2Page - UNISEM US1260 Datasheet HTML 3Page - UNISEM US1260 Datasheet HTML 4Page - UNISEM US1260 Datasheet HTML 5Page - UNISEM US1260 Datasheet HTML 6Page - UNISEM US1260 Datasheet HTML 7Page - UNISEM US1260 Datasheet HTML 8Page - UNISEM US1260 Datasheet HTML 9Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
US1260
3-3
Rev. 1.9
3/22/99
BLOCK DIAGRAM
BLOCK DIAGRAM
Figure 1 - Simplified block diagram of the US1260
PIN DESCRIPTIONS
PIN DESCRIPTIONS
PIN #
PIN SYMBOL
PIN DESCRIPTION
3
Vfb2
A resistor divider from this pin to the Vout #2 pin and ground sets the output
voltage. See application ckt for the divider setting for 1.5V output.
2
Vfb1
A resistor divider from this pin to Vout #1 pin and ground sets the output
voltage.See application ckt for the divider setting for 2.5V output.
5
Vout2
The output #2 (high current) of the regulator. A minimum of 100uF capacitor
must be connected from this pin to ground to insure stability.
7
Vout1
The output #1 (low current) of the regulator. A minimum of 100uF capacitor
must be connected from this pin to ground to insure stability.
6
Vin
The power input pin of the regulator. Typically a large storage capacitor is
connected from this pin to ground to insure that the input voltage does not sag
below the minimum drop out voltage during the load transient response. This
pin must always be higher than both Vout pins by the amount of the dropout
voltage(see datasheet) in order for the device to regulate properly.
4
Gnd
This pin is connected to GND. It is also the TAB of the package.
1
Vctrl
The control input pin of the regulator. This pin via a 10
Ω resistor is connected
to the 5V supply to provide the base current for the pass transistor of both
regulators. This allows the regulator to have very low dropout voltage
which allows one to generate a well regulated 2.5V supply from the 3.3V input.
A high frequency, 1 uF capacitor is connected between this pin and Vin pin to
insure stability.
Vctrl
Vin
Gnd
6
1
4
1260blk1-1.1
5
Vout2
7 Vout1
THERMAL
SHUTDOWN
1.20V
2
Vfb1
3
Vfb2
+


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn