Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS8GSSD34E-M Fiches technique(PDF) 4 Page - Transcend Information. Inc.

No de pièce TS8GSSD34E-M
Description  8GB~32GB ExpressCard34 SSD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS8GSSD34E-M Fiches technique(HTML) 4 Page - Transcend Information. Inc.

  TS8GSSD34E-M Datasheet HTML 1Page - Transcend Information. Inc. TS8GSSD34E-M Datasheet HTML 2Page - Transcend Information. Inc. TS8GSSD34E-M Datasheet HTML 3Page - Transcend Information. Inc. TS8GSSD34E-M Datasheet HTML 4Page - Transcend Information. Inc. TS8GSSD34E-M Datasheet HTML 5Page - Transcend Information. Inc. TS8GSSD34E-M Datasheet HTML 6Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
T
T
TS
S
S8
8
8G
G
GS
S
SS
S
SD
D
D3
3
34
4
4E
E
E---M
M
M
T
T
TS
S
S1
1
16
6
6G
G
GS
S
SS
S
SD
D
D3
3
34
4
4E
E
E---M
M
M
T
T
TS
S
S3
3
32
2
2G
G
GS
S
SS
S
SD
D
D3
3
34
4
4E
E
E---M
M
M
8GB~32GB ExpressCard34 SSD
Transcend Information Inc.
V1.01
4
Specifications
Physical Specification
Form Factor
ExpressCard/34
Storage Capacities
8 GB to 32 GB
Length
75.00 ± 0.10
Width
34.00 ± 0.10
Dimensions (mm)
Height
5.00 ± 0.10
Input Voltage
3.3V ± 5%
Weight
19 g
Connector
26-Pin ExpressCard connector
Environmental Specifications
Operating Temperature
0
to 70
Storage Temperature
- 40
to 85
Power Requirements
Input Voltage
3.3V ± 5%
Mode
TYP (mA)
TYP (W)
Write
318.9
1.1
Read
166.4
0.5
Power Consumption
(DC 3.3V @25
)
Idle
100.8
0.3
Reliability
Data Reliability
Supports BCH ECC 8 bits in 512 bytes
Data Retention
10 years
MTBF
1,000,000 hours
Interface Specification
Interface
ExpressCard (USB 2.0)


Numéro de pièce similaire - TS8GSSD34E-M

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS8GSSD10-M TRANSCEND-TS8GSSD10-M Datasheet
295Kb / 11P
   1.0??Solid State Disk
TS8GSSD25S-S TRANSCEND-TS8GSSD25S-S Datasheet
590Kb / 38P
   2.5??Solid State Disk
More results

Description similaire - TS8GSSD34E-M

FabricantNo de pièceFiches techniqueDescription
logo
Micron Technology
MTFC4GMVEA-4MIT MICRON-MTFC4GMVEA-4MIT Datasheet
479Kb / 24P
   4GB, 8GB, 16GB, 32GB, 64GB e MMC
logo
List of Unclassifed Man...
KVR1333D3N9K4-32G ETC2-KVR1333D3N9K4-32G Datasheet
84Kb / 2P
   32GB (8GB 1G x 64-Bit x 4 pcs.)
KVR16LR11S4K4-32I ETC2-KVR16LR11S4K4-32I Datasheet
156Kb / 2P
   32GB (8GB 1G x 72-Bit x 4 pcs.) PC3L-12800
KVR1333D3N9HK4-32G ETC2-KVR1333D3N9HK4-32G Datasheet
90Kb / 2P
   32GB (8GB 2Rx8 1G x 64-Bit x 4 pcs.)
KVR16E11K4-32 ETC2-KVR16E11K4-32 Datasheet
224Kb / 2P
   32GB (8GB 2Rx8 1G x 72-Bit x 4 pcs.)
KVR16LE11K4-32 ETC2-KVR16LE11K4-32 Datasheet
221Kb / 2P
   32GB (8GB 2Rx8 1G x 72-Bit x 4 pcs.)
KVR16LE11K4-32I ETC2-KVR16LE11K4-32I Datasheet
221Kb / 2P
   32GB (8GB 2Rx8 1G x 72-Bit x 4 pcs.)
KVR16R11D8K4-32 ETC2-KVR16R11D8K4-32 Datasheet
155Kb / 2P
   32GB (8GB 2Rx8 1G x 72-Bit x 4 pcs.) PC3-12800
KVR18R13S4K4-32 ETC2-KVR18R13S4K4-32 Datasheet
156Kb / 2P
   32GB (8GB 1Rx4 1G x 72-Bit x 4 pcs.) PC3-14900
KVR21R15D8K4-32 ETC2-KVR21R15D8K4-32 Datasheet
59Kb / 2P
   32GB (8GB 2Rx8 1G x 72-Bit x 4 pcs.) PC4-2133
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com