Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

US1176 Fiches technique(PDF) 1 Page - UNISEM

No de pièce US1176
Description  7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR WITH SHUTDOWN INPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UNISEM [UNISEM]
Site Internet  
Logo UNISEM - UNISEM

US1176 Fiches technique(HTML) 1 Page - UNISEM

  US1176 Datasheet HTML 1Page - UNISEM US1176 Datasheet HTML 2Page - UNISEM US1176 Datasheet HTML 3Page - UNISEM US1176 Datasheet HTML 4Page - UNISEM US1176 Datasheet HTML 5Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
US1176
2-1
Rev. 1.1
9/24/99
7.5A ULTRA LOW DROPOUT POSITIVE
ADJUSTABLE REGULATOR WITH SHUTDOWN INPUT
The US1176 product is a 7.5A regulator with extremely
low dropout voltage using a proprietary Bipolar pro-
cess that achieves comparable equivalent on re-
sistance to that of discrete MOSFETs. The US1176
also provides a convenient Shutdown pin that allows the
regulator to be shutdown and reduce the input current
consumption. Unlike the PNP type regulators this de-
vice does not have high quiecent current during the start
up mode making it ideal for applications where there is
limited current capability such operation from the 5V
Standby supply of the computer power supply.One ap-
plication is the new generation of the RDRAM memory
that needs to provide 2.5V from 3.3V input and be able
to operate from 5VSB as well.
DESCRIPTION
DESCRIPTION
Guaranteed <TBDV Dropout at 7.5A
Fast Transient Response
1% Voltage Reference Initial Accuracy
Built-in Thermal Shutdown
PRELIMINARY DATASHEET
APPLICATIONS
APPLICATIONS
FEATURES
FEATURES
3.3V to 2.7V Intel I740 chip set.
TYPICAL APPLICATION
TYPICAL APPLICATION
Tj (
°C)
7 PIN PLASTIC
7 PIN PLASTIC
TO263 (M)
POWER FLEX (P)
0 TO 125
US1176CM
US1176CP
Typical application of US1176 .
PACKAGE ORDER INFORMATION
PACKAGE ORDER INFORMATION
3.3V
US1176
2.7V
C1
C3
1176app1-1.1
5V
C2
R1
R2
Vsense
SD
Adj
Vout
Vctrl
Vin
Vin
1
2
3
4
5
6
7
SD
Enable
Q1


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn