Moteur de recherche de fiches techniques de composants électroniques |
|
TS2GMP650 Fiches technique(PDF) 1 Page - Transcend Information. Inc. |
|
TS2GMP650 Fiches technique(HTML) 1 Page - Transcend Information. Inc. |
1 / 4 page TS2G/4G/8GMP650 Description TS2G/4G/8GMP650 is a 2GB/4GB/8G USB Flash Drive with 1 pcs of 2Gx8/4Gx8/8Gx8 Flash Memory assembled on the printed circuit board. It combines a USB Flash Drive with an MP3 player, AB repeater, voice recorder and an FM radio. Outline Dimensions Side Millimeters A 75.00 ± 0.20 B 31.00 ± 0.20 C 13.00 ± 0.20 Features MP3 Player – supports MP3, WMA, WMA-DRM10 (subscription music) and WAV music formats FM Radio (FM Radio recording and the ability to preset 20 FM radio stations) Advanced Digital Voice Recorder Karaoke-style lyrics display Brilliant, dual-color 4-Line OLED Display produces vibrant clear text easily viewed at any angle and in any light VAD (Voice Activity Detection) for high quality gapless audio recordings A-B repeat function allows you to continuously replay a designated section of a track Variable track playback speeds Supports 13 languages including song title, artist name and lyrics display USB flash drive capabilities for data transfer and storage Included software can be used to A B C |
Numéro de pièce similaire - TS2GMP650 |
|
Description similaire - TS2GMP650 |