Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS4GSDO22H Fiches technique(PDF) 9 Page - Transcend Information. Inc.

No de pièce TS4GSDO22H
Description  22P Horizontal Type SATA Flash Modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GSDO22H Fiches technique(HTML) 9 Page - Transcend Information. Inc.

Back Button TS4GSDO22H Datasheet HTML 3Page - Transcend Information. Inc. TS4GSDO22H Datasheet HTML 4Page - Transcend Information. Inc. TS4GSDO22H Datasheet HTML 5Page - Transcend Information. Inc. TS4GSDO22H Datasheet HTML 6Page - Transcend Information. Inc. TS4GSDO22H Datasheet HTML 7Page - Transcend Information. Inc. TS4GSDO22H Datasheet HTML 8Page - Transcend Information. Inc. TS4GSDO22H Datasheet HTML 9Page - Transcend Information. Inc. TS4GSDO22H Datasheet HTML 10Page - Transcend Information. Inc. TS4GSDO22H Datasheet HTML 11Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
T
T
TS
S
S4
4
4G
G
GS
S
SD
D
DO
O
OM
M
M2
2
22
2
2H
H
H
22P Horizontal Type
SATA Flash Modules
Transcend Information Inc.
V1.2
9
SMART Command Set
SMART Command Set
SMART Command Set
SMART Command Set
SMART Command Set
SMART Feature Register Values
D0h
Read Data
D4h
Execute OFF-LINE Immediate
D1h
Read Attribute Threshold
D8h
Enable SMART Operations
D2h
Enable/Disable Autosave
D9h
Disable SMART Operations
D3h
Save Attribute Values
DAh
Return Status
1. If reserved size is below the Threshold, the status can be read from Cylinder register by Return Status command (DAh).
SMART Data Structure
BYTE
F / V
Decription
0-1
X
Revision code
2-361
X
Vendor specific
362
V
Off line data collection status
363
X
Self-test execution status byte
364-365
V
Total time in seconds to complete off-line data collection activity
366
X
Vendor specific
367
F
Off-line data collection capability
368-369
F
SMART capability
370
F
Error logging capability
7-1 Reserved
0 1=Device error logging supported
371
X
Vendor specific
372
F
Short self-test routine recommended polling time (in minutes)
373
F
Extended self-test routine recommended polling time (in minutes)
374
F
Conveyance self-test routine recommended polling time (in minutes)
375-385
R
Reserved
386-395
F
Date Code
396-397
F
Number of initial invalid block (396 = MSB, 397 = LSB)
398-399
V
Number of run time bad block (398 = MSB, 399 = LSB)
400
V
Number of spare block
511
V
Data structure checksum


Numéro de pièce similaire - TS4GSDO22H

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS4GSDOM22V TRANSCEND-TS4GSDOM22V Datasheet
221Kb / 11P
   22P Vertical Type SATA Flash Modules
TS4GSDOM7H TRANSCEND-TS4GSDOM7H Datasheet
1Mb / 14P
   7P Horizontal Type SATA Flash Modules
More results

Description similaire - TS4GSDO22H

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS128MSDOM22V TRANSCEND-TS128MSDOM22V Datasheet
221Kb / 11P
   22P Vertical Type SATA Flash Modules
TS128MSDOM7H TRANSCEND-TS128MSDOM7H Datasheet
1Mb / 14P
   7P Horizontal Type SATA Flash Modules
logo
Axiomtek Co., Ltd.
FSA300 AXIOMTEK-FSA300 Datasheet
126Kb / 1P
   Flash SATA Disk /mSATA SATA 3 SLC,MLC
logo
JMicron Technology Corp...
JMF602 JMICRON-JMF602 Datasheet
96Kb / 3P
   SATA II to Flash Controller
JMF608 JMICRON-JMF608 Datasheet
71Kb / 4P
   SATA III NAND Flash Controller
logo
Axiomtek Co., Ltd.
FSA301 AXIOMTEK-FSA301 Datasheet
163Kb / 1P
   Flash SATA Disk/mSATA Mini SATA 3 SLC, MLC
FSA AXIOMTEK-FSA_17 Datasheet
114Kb / 1P
   Flash SATA Disk /SATAIII SLC, MLC
logo
Transcend Information. ...
TS128MDOM40H-S TRANSCEND-TS128MDOM40H-S Datasheet
908Kb / 39P
   40-Pin IDE Flash Module (Horizontal)
TS128MDOM44H TRANSCEND-TS128MDOM44H Datasheet
287Kb / 9P
   44-Pin IDE Flash Module(Horizontal)
TS128MDOM44H-S TRANSCEND-TS128MDOM44H-S Datasheet
888Kb / 34P
   44-Pin IDE Flash Module(Horizontal)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com