Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS16GSSD10-M Fiches technique(PDF) 8 Page - Transcend Information. Inc.

No de pièce TS16GSSD10-M
Description  1.0??Solid State Disk
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS16GSSD10-M Fiches technique(HTML) 8 Page - Transcend Information. Inc.

Back Button TS16GSSD10-M Datasheet HTML 3Page - Transcend Information. Inc. TS16GSSD10-M Datasheet HTML 4Page - Transcend Information. Inc. TS16GSSD10-M Datasheet HTML 5Page - Transcend Information. Inc. TS16GSSD10-M Datasheet HTML 6Page - Transcend Information. Inc. TS16GSSD10-M Datasheet HTML 7Page - Transcend Information. Inc. TS16GSSD10-M Datasheet HTML 8Page - Transcend Information. Inc. TS16GSSD10-M Datasheet HTML 9Page - Transcend Information. Inc. TS16GSSD10-M Datasheet HTML 10Page - Transcend Information. Inc. TS16GSSD10-M Datasheet HTML 11Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
T
T
TS
S
S2
2
2G
G
GS
S
SS
S
SD
D
D1
1
10
0
0---M
M
M ~
~
~ T
T
TS
S
S3
3
32
2
2G
G
GS
S
SS
S
SD
D
D1
1
10
0
0---M
M
M
1.0” Solid State Disk
Transcend Information Inc.
V1.6
8
28
Seek
7Xh
Y
Y
Y
Y
Support
29
Set Feature
EFh
Y
Y
Support
30
Set Multiple Mode
C6h
Y
Y
Support
31
Set Sleep Mode
E6h or 99h
Y
Support
32
Standby
E2 or 96h
Y
Support
33
Standby Immediate
E0 or 94h
Y
Support
34
Translate Sector
87h
Y
Y
Y
Y
Y
Support
35
Wear Level
F5h
Y
Support
#4
36
Write Buffer
E8h
Y
Support
37
Write DMA
CAh
Y
Y
Y
Y
Y
Support
38
Write Long Sector
32h or 33h
Y
Y
Y
Y
Not Support
#2
39
Write Multiple
C5h
Y
Y
Y
Y
Y
Support
40
Write Multiple w/o Erase
CDh
Y
Y
Y
Y
Y
Support
41
Write Sector(s)
30h or 31h
Y
Y
Y
Y
Y
Support
42
Write Sector(s) w/o Erase
38h
Y
Y
Y
Y
Y
Support
43
Write Verify
3Ch
Y
Y
Y
Y
Y
Support
#1: This command is optional, depending on the key Management scheme in use.
#2: Use of this command is not recommended.
#3: If Security command 22~27 are supported, this command is not supported.
Definitions
FR = Features Register
SC =Sector Count register (00H to FFH, 00H means 256 sectors)
SN = Sector Number register
CY = Cylinder Low/High register
DH = Head No. (0 to 15) of Drive/Head register
LBA = Logic Block Address Mode Support
– = Not used for the command
Y = Used for the command


Numéro de pièce similaire - TS16GSSD10-M

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS16GSSD25S-M TRANSCEND-TS16GSSD25S-M Datasheet
590Kb / 38P
   2.5??Solid State Disk
TS16GSSD25S-S TRANSCEND-TS16GSSD25S-S Datasheet
590Kb / 38P
   2.5??Solid State Disk
TS16GSSD34E-M TRANSCEND-TS16GSSD34E-M Datasheet
332Kb / 6P
   8GB~32GB ExpressCard34 SSD
More results

Description similaire - TS16GSSD10-M

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS8GSSD25S-S TRANSCEND-TS8GSSD25S-S Datasheet
590Kb / 38P
   2.5??Solid State Disk
logo
Apacer Technology Inc.
SV240-300 APACER-SV240-300 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SU220-M242 APACER-SU220-M242 Datasheet
757Kb / 4P
   SSD (Solid-State Disk)
ST170-25 APACER-ST170-25 Datasheet
910Kb / 4P
   SSD (Solid-State Disk)
PV120-M280 APACER-PV120-M280 Datasheet
2Mb / 7P
   SSD (Solid-State Disk)
PV130-CFX APACER-PV130-CFX Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
PV140-25 APACER-PV140-25 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SM210-300 APACER-SM210-300 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
SH250-25 APACER-SH250-25 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
PT120-M280 APACER-PT120-M280 Datasheet
1Mb / 5P
   SSD (Solid-State Disk)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com