Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

US1050 Fiches technique(PDF) 1 Page - UNISEM

No de pièce US1050
Description  5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UNISEM [UNISEM]
Site Internet  
Logo UNISEM - UNISEM

US1050 Fiches technique(HTML) 1 Page - UNISEM

  US1050 Datasheet HTML 1Page - UNISEM US1050 Datasheet HTML 2Page - UNISEM US1050 Datasheet HTML 3Page - UNISEM US1050 Datasheet HTML 4Page - UNISEM US1050 Datasheet HTML 5Page - UNISEM US1050 Datasheet HTML 6Page - UNISEM US1050 Datasheet HTML 7Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
US1050
2-33
Rev. 1.3
10/27/00
TYPICAL APPLICATION
TYPICAL APPLICATION
DESCRIPTION
DESCRIPTION
The US1050 product is a low dropout three terminal ad-
justable regulator with minimum of 5A output current
capability. This product is specifically designed to pro-
vide well regulated supply for low voltage IC applications
such as Pentium
P54C,P55Cas well as GTL+
termination for Pentium Pro
and Klamathpro-
cessor applications . The US1050 is also well suited for
other processors such as Cyrix
,AMD and Power
PC
applications. The US 1050 is guaranteed to have
<1.3V drop out at full load current making it ideal to
provide well regulated outputs of 2.5V to 3.6V with 4.75V
to 7V input supply.
FEATURES
FEATURES
Guaranteed < 1.3V Dropout at Full Load
Current
Fast Transient Response
1% Voltage Reference Initial Accuracy
Output Current Limiting
Built-in Thermal Shutdown
APPLICATIONS
APPLICATIONS
Low Voltage Processor Applications such as :
P54C
,P55C,Cyrix M2,
POWER PC
,AMD
GTL+ Termination
PENTIUM PRO
, KLAMATH
Low Voltage Memory Termination Applications
Standard 3.3V Chip-Set and Logic Applications
5A LOW DROPOUT POSITIVE
ADJUSTABLE REGULATOR
Notes: Pentium P54C,P55C ,Klamath,Pentium Pro,VRE,are trade marks of Intel Corp.Cyrix M2 is trade mark of Cyrix Corp.
Power PC is trade mark of IBM Corp.
5V
3.38V / 5A
R1
121
R2
205
C1
1500uF
C2
2x 1500uF
US1050
1050app1-1.1
1
2
3
Adj
Vin
Vout
Typical Application of US1050 in a 5V to 3.38V regulator designed
to meet the Intel P54C
Processors.
PACKAGE ORDER INFORMATION
PACKAGE ORDER INFORMATION
Tj (°C)
3 PIN PLASTIC
3 PIN PLASTIC
2 PIN PLASTIC
3 PIN PLASTIC
TO220 (T)
TO263 (M)
POWER FLEX (P)
TO252 (D)
0 TO 150
US1050CT
US1050CM
US1050CP
US1050CD


Html Pages

1  2  3  4  5  6  7 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn