Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS1GJFV20 Fiches technique(PDF) 2 Page - Transcend Information. Inc.

No de pièce TS1GJFV20
Description  1GB USB2.0 JetFlash?줧20
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS1GJFV20 Fiches technique(HTML) 2 Page - Transcend Information. Inc.

  TS1GJFV20 Datasheet HTML 1Page - Transcend Information. Inc. TS1GJFV20 Datasheet HTML 2Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T
T
TS
S
S1
1
1G
G
GJ
J
JF
F
FV
V
V2
2
20
0
0
1GB USB2.0 JetFlash™V20
Transcend Information Inc.
2
Pinouts
Pin No.
Pin Name
Function
01
VCC
USB power input
02
USB-
03
USB+
USB differential signal
04
VSS
Ground
Specifications
Storage Capacity
1GB**
Data Retention
10 years
Erase Cycles
>10,000 times
Connector Durability
10,000 times
System Performance
Read: 17MB/sec (max.), Write: 4MB/sec (max.)
Wear-leveling
Dynamic
Power Supply
DC 5V
±10%, Max current : 200 mA
Temperature Range
Operation: 0-70
oC, Non-Operating: -20oC-75oC
Certificates
CE, FCC, BSMI
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product.
Transcend reserves the right to make changes in specifications at any time without prior notice.
* 1GB = 1 billion bytes. A certain portion of the storage capacity may be reserved for firmware and maintenance use.


Numéro de pièce similaire - TS1GJFV20

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS1GJFV10 TRANSCEND-TS1GJFV10 Datasheet
74Kb / 2P
   1GB USB2.0 JetFlash?줧10
TS1GJFV30 TRANSCEND-TS1GJFV30 Datasheet
60Kb / 2P
   1GB USB2.0 JetFlash?줧30
TS1GJFV33 TRANSCEND-TS1GJFV33 Datasheet
60Kb / 2P
   1GB USB2.0 JetFlash?줧33
TS1GJFV35 TRANSCEND-TS1GJFV35 Datasheet
65Kb / 2P
   1GB USB2.0 JetFlash?줧35
TS1GJFV60 TRANSCEND-TS1GJFV60 Datasheet
53Kb / 2P
   1GB USB2.0 JetFlash?줧60
More results

Description similaire - TS1GJFV20

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS8GJFV20 TRANSCEND-TS8GJFV20 Datasheet
47Kb / 2P
   8GB USB2.0 JetFlash?줧20
TS16GJFV20 TRANSCEND-TS16GJFV20 Datasheet
47Kb / 2P
   16GB USB2.0 JetFlash?줧20
TS2GJFV20 TRANSCEND-TS2GJFV20 Datasheet
47Kb / 2P
   2GB USB2.0 JetFlash?줧20
TS4GJFV20 TRANSCEND-TS4GJFV20 Datasheet
47Kb / 2P
   4GB USB2.0 JetFlash?줧20
TS32GJFV20 TRANSCEND-TS32GJFV20 Datasheet
47Kb / 2P
   32GB USB2.0 JetFlash?줧20
TS1GJF150 TRANSCEND-TS1GJF150 Datasheet
73Kb / 3P
   1GB USB2.0 JetFlash?
TS1GJF130 TRANSCEND-TS1GJF130 Datasheet
64Kb / 3P
   1GB USB2.0 JetFlash?
TS1GJF160 TRANSCEND-TS1GJF160 Datasheet
58Kb / 3P
   1GB USB2.0 JetFlash?
TS1GJFV35 TRANSCEND-TS1GJFV35 Datasheet
65Kb / 2P
   1GB USB2.0 JetFlash?줧35
TS1GJFV60 TRANSCEND-TS1GJFV60 Datasheet
53Kb / 2P
   1GB USB2.0 JetFlash?줧60
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com