Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10E157FNR2 Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce MC10E157FNR2
Description  QUAD 2:1 MULTIPLEXER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC10E157FNR2 Fiches technique(HTML) 3 Page - Motorola, Inc

  MC10E157FNR2 Datasheet HTML 1Page - Motorola, Inc MC10E157FNR2 Datasheet HTML 2Page - Motorola, Inc MC10E157FNR2 Datasheet HTML 3Page - Motorola, Inc MC10E157FNR2 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MC10E157 MC100E157
2–3
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
OUTLINE DIMENSIONS
FN SUFFIX
PLASTIC PLCC PACKAGE
CASE 776–02
ISSUE D
0.007 (0.180)
T L –M S
N S
M
0.007 (0.180)
T L –M S
N S
M
0.007 (0.180)
T L –M S
N S
M
0.010 (0.250)
T L –M S
N S
S
0.007 (0.180)
T L –M S
N S
M
0.010 (0.250)
T L –M S
N S
S
0.007 (0.180)
T L –M S
N S
M
0.007 (0.180)
T L –M S
N S
M
0.004 (0.100)
SEATING
PLANE
-T-
12.32
12.32
4.20
2.29
0.33
0.66
0.51
0.64
11.43
11.43
1.07
1.07
1.07
2
°
10.42
1.02
12.57
12.57
4.57
2.79
0.48
0.81
11.58
11.58
1.21
1.21
1.42
0.50
10
°
10.92
1.27 BSC
A
B
C
E
F
G
H
J
K
R
U
V
W
X
Y
Z
G1
K1
MIN
MIN
MAX
MAX
INCHES
MILLIMETERS
DIM
NOTES:
1. DATUMS -L-, -M-, AND -N- DETERMINED
WHERE TOP OF LEAD SHOULDER EXITS
PLASTIC BODY AT MOLD PARTING LINE.
2. DIM G1, TRUE POSITION TO BE MEASURED
AT DATUM -T-, SEATING PLANE.
3. DIM R AND U DO NOT INCLUDE MOLD FLASH.
ALLOWABLE MOLD FLASH IS 0.010 (0.250)
PER SIDE.
4. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
5. CONTROLLING DIMENSION: INCH.
6. THE PACKAGE TOP MAY BE SMALLER THAN
THE PACKAGE BOTTOM BY UP TO 0.012
(0.300). DIMENSIONS R AND U ARE
DETERMINED AT THE OUTERMOST
EXTREMES OF THE PLASTIC BODY
EXCLUSIVE OF MOLD FLASH, TIE BAR
BURRS, GATE BURRS AND INTERLEAD
FLASH, BUT INCLUDING ANY MISMATCH
BETWEEN THE TOP AND BOTTOM OF THE
PLASTIC BODY.
7. DIMENSION H DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTRUSION(S) SHALL NOT CAUSE THE H
DIMENSION TO BE GREATER THAN 0.037
(0.940). THE DAMBAR INTRUSION(S) SHALL
NOT CAUSE THE H DIMENSION TO BE
SMALLER THAN 0.025 (0.635).
VIEW S
B
U
Z
G1
X
VIEW D-D
H
K
F
VIEW S
G
C
Z
A
R
E
J
0.485
0.485
0.165
0.090
0.013
0.026
0.020
0.025
0.450
0.450
0.042
0.042
0.042
2
°
0.410
0.040
0.495
0.495
0.180
0.110
0.019
0.032
0.456
0.456
0.048
0.048
0.056
0.020
10
°
0.430
0.050 BSC
-N-
Y BRK
D
D
W
-M-
-L-
28
1
V
G1
K1


Numéro de pièce similaire - MC10E157FNR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10E157FNR2 ONSEMI-MC10E157FNR2 Datasheet
125Kb / 8P
   5 V ECL Quad 2:1 Multiplexer
November, 2006 ??Rev. 9
MC10E157FNR2G ONSEMI-MC10E157FNR2G Datasheet
125Kb / 8P
   5 V ECL Quad 2:1 Multiplexer
November, 2006 ??Rev. 9
More results

Description similaire - MC10E157FNR2

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
SY10E157 MICREL-SY10E157_06 Datasheet
65Kb / 4P
   QUAD 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10E157 ONSEMI-MC10E157 Datasheet
99Kb / 4P
   QUAD 2:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E157 MICREL-SY10E157 Datasheet
59Kb / 4P
   QUAD 2:1 MULTIPLEXER
logo
NXP Semiconductors
CBT3257ABQ NXP-CBT3257ABQ Datasheet
129Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 5-4 April 2013
logo
Analog Devices
ADG791A AD-ADG791A_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791G AD-ADG791G_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
logo
Toshiba Semiconductor
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
171Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
logo
NXP Semiconductors
74CBTLV3257 NXP-74CBTLV3257 Datasheet
479Kb / 19P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 2-26 November 2010
logo
Toshiba Semiconductor
TC7MB3257FT TOSHIBA-TC7MB3257FT Datasheet
127Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFT TOSHIBA-TC7MBL3257AFT Datasheet
177Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com