Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS128MRMMC Fiches technique(PDF) 5 Page - Transcend Information. Inc.

No de pièce TS128MRMMC
Description  RS-MMC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS128MRMMC Fiches technique(HTML) 5 Page - Transcend Information. Inc.

  TS128MRMMC Datasheet HTML 1Page - Transcend Information. Inc. TS128MRMMC Datasheet HTML 2Page - Transcend Information. Inc. TS128MRMMC Datasheet HTML 3Page - Transcend Information. Inc. TS128MRMMC Datasheet HTML 4Page - Transcend Information. Inc. TS128MRMMC Datasheet HTML 5Page - Transcend Information. Inc. TS128MRMMC Datasheet HTML 6Page - Transcend Information. Inc. TS128MRMMC Datasheet HTML 7Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
MR
R
RM
M
MM
M
MC
C
C
RS-MMC
Transcend Information Inc.
5
Bus Timing
Data must be always be sampled on the rising edge of the clock.
Parameter
Symbol Min.
Max.
Unit
Remark
Clock CLK(All values are referred to min(VIH) and max(VIL))
Clock frequency data transfer mode(PP)10 cards
fPP
0
20
MHz CL<=100pF(10 cards)
Clock frequency data transfer mode(PP)30 cards
fPP
0
5
MHz CL<=250pF(30 cards)
Clock frequency identification mode(OD)
fOD
0
400
kHz
Clock low time
tWL
10
ns
CL<=100pF(10 cards)
Clock high time
tWH
10
ns
CL<=100pF(10 cards)
Clock rise time
tTLH
10
ns
CL<=100pF(10 cards)
Clock fall time
tTHL
10
ns
CL<=100pF(10 cards)
Clock low time
tWL
50
ns
CL<=250pF(30 cards)
Clock high time
tWH
50
ns
CL<=250pF(30 cards)
Clock rise time
tTLH
50
ns
CL<=250pF(30 cards)
Clock fall time
tTHL
50
ns
CL<=250pF(30 cards)


Numéro de pièce similaire - TS128MRMMC

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS128MRMMC4 TRANSCEND-TS128MRMMC4 Datasheet
344Kb / 11P
   MMCmobile
More results

Description similaire - TS128MRMMC

FabricantNo de pièceFiches techniqueDescription
logo
SUYIN USA, INC.
250073FB007SX00ZA SUYIN-USA-250073FB007SX00ZA Datasheet
99Kb / 1P
   RS-MMC TOP MOUNT PUSH-PUSH CONNECTOR
logo
ITT Industries
CCM05-5502R901 ITT-CCM05-5502R901 Datasheet
435Kb / 5P
   SD, MMC & miniSD
logo
Toshiba Semiconductor
THGBMFG6C1LBAIL TOSHIBA-THGBMFG6C1LBAIL Datasheet
1Mb / 33P
   e MMC Module
THGBMNG5D1LBAIL TOSHIBA-THGBMNG5D1LBAIL Datasheet
1Mb / 33P
   e-MMC Module
logo
ATMEL Corporation
AT45DCB002 ATMEL-AT45DCB002_14 Datasheet
85Kb / 5P
   MultiMediaCard (MMC) Form Factor
AT45DCB004 ATMEL-AT45DCB004_14 Datasheet
85Kb / 5P
   MultiMediaCard (MMC) Form Factor
logo
Toshiba Semiconductor
THGBMHG6C1LBAIL TOSHIBA-THGBMHG6C1LBAIL Datasheet
1Mb / 33P
   TOSHIBA e-MMC Module
logo
ATMEL Corporation
AT45DCB008 ATMEL-AT45DCB008_14 Datasheet
85Kb / 5P
   MultiMediaCard (MMC) Form Factor
logo
GENESYS LOGIC
GL424 GENESYS-GL424 Datasheet
500Kb / 34P
   SD/MMC Flash Card Controller
logo
Taiwan Memory Technolog...
I5141-TG TMT-I5141-TG Datasheet
789Kb / 20P
   SD/MMC Memory Card Controller
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com