Moteur de recherche de fiches techniques de composants électroniques |
|
TS512MDOM44H Fiches technique(PDF) 2 Page - Transcend Information. Inc. |
|
TS512MDOM44H Fiches technique(HTML) 2 Page - Transcend Information. Inc. |
2 / 9 page T T Tr rra a an n ns s sc c ce e en n nd d d 4 4 44 4 4---P P Piiin n n IIID D DE E E F F Fllla a as s sh h h M M Mo o od d du u ullle e e (((H H Ho o or rriiiz zzo o on n nttta a alll))) 1 1 12 2 28 8 8M M M ~ ~ ~ 4 4 4G G GB B B Transcend Information Inc. Ver 1.0 2 Specifications Physical Specifications Storage Capacities 128 MB to 4 GB Length 46.0 0 ± 0.40 Width 28.00 ± 0.20 Dimensions (mm) Height 5.87 ± 0.50 Weight 7 g (Max.) Connector 44-Pin standard IDE/ATA connector (Pitch 2.0 mm) Environmental Specifications Operating Temperature 0 ℃ to 70 ℃ Storage Temperature - 40 ℃ to 85 ℃ Reliability Write/Erase Endurance > 2,000,000 cycles Read Endurance Unlimited Data Reliability Built-in 4 symbol correction ECC (per 512 bytes Sector) Data Retention 10 years Connector Durability 5,000 times Interface Specifications Jumper Settings Master/Slave Settings ATA/ATAPI 5 PIO Modes 0 – 6 ATA Compatibility UDMA Modes 0 – 4 |
Numéro de pièce similaire - TS512MDOM44H |
|
Description similaire - TS512MDOM44H |