Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS512MCF80 Fiches technique(PDF) 5 Page - Transcend Information. Inc.

No de pièce TS512MCF80
Description  80X CompactFlash Card
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS512MCF80 Fiches technique(HTML) 5 Page - Transcend Information. Inc.

  TS512MCF80 Datasheet HTML 1Page - Transcend Information. Inc. TS512MCF80 Datasheet HTML 2Page - Transcend Information. Inc. TS512MCF80 Datasheet HTML 3Page - Transcend Information. Inc. TS512MCF80 Datasheet HTML 4Page - Transcend Information. Inc. TS512MCF80 Datasheet HTML 5Page - Transcend Information. Inc. TS512MCF80 Datasheet HTML 6Page - Transcend Information. Inc. TS512MCF80 Datasheet HTML 7Page - Transcend Information. Inc. TS512MCF80 Datasheet HTML 8Page - Transcend Information. Inc. TS512MCF80 Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
T
T
TS
S
S3
3
32
2
2M
M
M~
~
~1
1
1G
G
GC
C
CF
F
F8
8
80
0
0
80X CompactFlash Card
Transcend Information Inc.
V1.1
5
3. Electrical Interface
3.1 Pin Assignment and Pin Type
PC Card Memory Mode
PC Card I/O Mode
True IDE Mode
4
Pin
Num
Signal
Name
Pin
Type
In, Out Type
Pin Num
Signal
Name
Pin
Type
In, Out
Type
Pin
Num
Signal
Name
Pin
Type
In, Out
Type
1
GND
Ground
1
GND
Ground
1
GND
Ground
2
D03
I/O
I1Z, OZ3
2
D03
I/O
I1Z, OZ3
2
D03
I/O
I1Z, OZ3
3
D04
I/O
I1Z, OZ3
3
D04
I/O
I1Z, OZ3
3
D04
I/O
I1Z, OZ3
4
D05
I/O
I1Z, OZ3
4
D05
I/O
I1Z, OZ3
4
D05
I/O
I1Z, OZ3
5
D06
I/O
I1Z, OZ3
5
D06
I/O
I1Z, OZ3
5
D06
I/O
I1Z, OZ3
6
D07
I/O
I1Z, OZ3
6
D07
I/O
I1Z, OZ3
6
D07
I/O
I1Z, OZ3
7
-CE1
I
I3U
7
-CE1
I
I3U
7
-CS0
I
I3Z
8
A10
I
I1Z
8
A10
I
I1Z
8
A10
2
I
I1Z
9
-OE
I
I3U
9
-OE
I
I3U
9
-ATA SEL
I
I3U
10
A09
I
I1Z
10
A09
I
I1Z
10
A09
2
I
I1Z
11
A08
I
I1Z
11
A08
I
I1Z
11
A08
2
I
I1Z
12
A07
I
I1Z
12
A07
I
I1Z
12
A07
2
I
I1Z
13
VCC
Power
13
VCC
Power
13
VCC
Power
14
A06
I
I1Z
14
A06
I
I1Z
14
A06
2
I
I1Z
15
A05
I
I1Z
15
A05
I
I1Z
15
A05
2
I
I1Z
16
A04
I
I1Z
16
A04
I
I1Z
16
A04
2
I
I1Z
17
A03
I
I1Z
17
A03
I
I1Z
17
A03
2
I
I1Z
18
A02
I
I1Z
18
A02
I
I1Z
18
A02
I
I1Z
19
A01
I
I1Z
19
A01
I
I1Z
19
A01
I
I1Z
20
A00
I
I1Z
20
A00
I
I1Z
20
A00
I
I1Z
21
D00
I/O
I1Z, OZ3
21
D00
I/O
I1Z, OZ3
21
D00
I/O
I1Z, OZ3
22
D01
I/O
I1Z, OZ3
22
D01
I/O
I1Z, OZ3
22
D01
I/O
I1Z, OZ3
23
D02
I/O
I1Z, OZ3
23
D02
I/O
I1Z, OZ3
23
D02
I/O
I1Z, OZ3
24
WP
O
OT3
24
-IOIS16
O
OT3
24
-IOCS16
O
ON3
25
-CD2
O
Ground
25
-CD2
O
Ground
25
-CD2
O
Ground
26
-CD1
O
Ground
26
-CD1
O
Ground
26
-CD1
O
Ground
27
D11
1
I/O
I1Z, OZ3
27
D11
1
I/O
I1Z, OZ3
27
D11
1
I/O
I1Z, OZ3
28
D121
I/O
I1Z, OZ3
28
D12
1
I/O
I1Z, OZ3
28
D12
1
I/O
I1Z, OZ3
29
D13
1
I/O
I1Z, OZ3
29
D13
1
I/O
I1Z, OZ3
29
D13
1
I/O
I1Z, OZ3
30
D14
1
I/O
I1Z, OZ3
30
D14
1
I/O
I1Z, OZ3
30
D14
1
I/O
I1Z, OZ3
31
D15
1
I/O
I1Z, OZ3
31
D15
1
I/O
I1Z, OZ3
31
D15
1
I/O
I1Z, OZ3
32
-CE2
1
I
I3U
32
-CE2
1
I
I3U
32
-CS1
1
I
I3Z


Numéro de pièce similaire - TS512MCF80

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS512MCF100I TRANSCEND-TS512MCF100I Datasheet
3Mb / 80P
   Industrial CF Card
TS512MCF100I TRANSCEND-TS512MCF100I Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS512MCF100I-P TRANSCEND-TS512MCF100I-P Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS512MCF200I TRANSCEND-TS512MCF200I Datasheet
1Mb / 87P
   TTr rraannsscceenndd I IInndduusst ttr rri iaal ll CCFF CCaar rrdd
TS512MCFI TRANSCEND-TS512MCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
More results

Description similaire - TS512MCF80

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Transcend Information. ...
TS256MUSD80 TRANSCEND-TS256MUSD80 Datasheet
200Kb / 6P
   80x microSD Memory Card
TS1GSD80I TRANSCEND-TS1GSD80I Datasheet
265Kb / 11P
   80x Industrial Secure Digital Card
TS2GF300 TRANSCEND-TS2GF300 Datasheet
2Mb / 83P
   300X CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
   CompactFlash Card Controller
logo
Transcend Information. ...
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
   400X CompactFlash Card
TS8GCF600 TRANSCEND-TS8GCF600 Datasheet
2Mb / 87P
   600X CompactFlash Card
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
logo
Taiwan Memory Technolog...
I510X TMT-I510X Datasheet
361Kb / 16P
   CompactFlash Memory Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com