Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS512MJF150 Fiches technique(PDF) 3 Page - Transcend Information. Inc.

No de pièce TS512MJF150
Description  512MB USB2.0 JetFlash?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS512MJF150 Fiches technique(HTML) 3 Page - Transcend Information. Inc.

  TS512MJF150 Datasheet HTML 1Page - Transcend Information. Inc. TS512MJF150 Datasheet HTML 2Page - Transcend Information. Inc. TS512MJF150 Datasheet HTML 3Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
T
T
TS
S
S5
5
51
1
12
2
2M
M
MJ
J
JF
F
F1
1
15
5
50
0
0
512MB USB2.0 JetFlash
Transcend Information Inc.
3
Pinouts
Pin No.
Pin Name
01
VCC
02
USB-
03
USB+
04
VSS
Pin Identification
Symbol
Function
USB-
USB+
USB differential signal:
The pairs are used to transmit
Data/Address/Command
VSS
Ground
VCC
USB power input
Specifications
Storage Capacity
512MB
Data Retention
10 years
Erase Cycles
>100,000 times
Connector Durability
10,000 times
System Performance
Read: 16MB/sec (max.), Write: 12MB/sec (max.)
Power Supply
DC 5V
±10%, Max current : 200 mA
Temperature Range
Operation: 0-70
oC, Storage: -20oC-75oC
Weight
10g
Certificates
CE, FCC, BSMI
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product.
Transcend reserves the right to make changes in specifications at any time without prior notice.


Numéro de pièce similaire - TS512MJF150

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS512MJF110 TRANSCEND-TS512MJF110 Datasheet
92Kb / 2P
   512MB USB2.0 JetFlash??10
logo
Vectron International, ...
TS512MJF130 VECTRON-TS512MJF130 Datasheet
110Kb / 4P
   512MB USB2.0 JetFlash
logo
Transcend Information. ...
TS512MJF130 TRANSCEND-TS512MJF130 Datasheet
81Kb / 3P
   512MB USB2.0 JetFlash?
TS512MJF160 TRANSCEND-TS512MJF160 Datasheet
61Kb / 3P
   512MB USB2.0 JetFlash?
More results

Description similaire - TS512MJF150

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS512MJF160 TRANSCEND-TS512MJF160 Datasheet
61Kb / 3P
   512MB USB2.0 JetFlash?
TS512MJFV60 TRANSCEND-TS512MJFV60 Datasheet
77Kb / 3P
   512MB USB2.0 JetFlash?
logo
Vectron International, ...
TS512MJF130 VECTRON-TS512MJF130 Datasheet
110Kb / 4P
   512MB USB2.0 JetFlash
logo
Transcend Information. ...
TS512MJF130 TRANSCEND-TS512MJF130 Datasheet
81Kb / 3P
   512MB USB2.0 JetFlash?
TS512MJF110 TRANSCEND-TS512MJF110 Datasheet
92Kb / 2P
   512MB USB2.0 JetFlash??10
TS512MJFV30 TRANSCEND-TS512MJFV30 Datasheet
59Kb / 2P
   512MB USB2.0 JetFlash?줧30
logo
Vectron International, ...
TS512MJFV30 VECTRON-TS512MJFV30 Datasheet
136Kb / 4P
   512MB USB2.0 JetFlash V30
logo
Transcend Information. ...
TS1GJF150 TRANSCEND-TS1GJF150 Datasheet
73Kb / 3P
   1GB USB2.0 JetFlash?
TS2GJF150 TRANSCEND-TS2GJF150 Datasheet
76Kb / 3P
   2GB USB2.0 JetFlash?
TS2GJF160 TRANSCEND-TS2GJF160 Datasheet
59Kb / 3P
   2GB USB2.0 JetFlash?
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com