Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS256MJF110 Fiches technique(PDF) 4 Page - Transcend Information. Inc.

No de pièce TS256MJF110
Description  256MB USB2.0 JetFlash?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS256MJF110 Fiches technique(HTML) 4 Page - Transcend Information. Inc.

  TS256MJF110 Datasheet HTML 1Page - Transcend Information. Inc. TS256MJF110 Datasheet HTML 2Page - Transcend Information. Inc. TS256MJF110 Datasheet HTML 3Page - Transcend Information. Inc. TS256MJF110 Datasheet HTML 4Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
T
T
TS
S
S2
2
25
5
56
6
6M
M
MJ
J
JF
F
F1
1
11
1
10
0
0
256MB USB2.0 JetFlash
Transcend Information Inc.
4
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC33
Power Supply
-0.3 to 4.0
V
VIN
Input Voltage
-0.3 to Vcc+0.3
V
VOUT
Output Voltage
-0.3 to Vcc+0.3
V
VCC25
Internal Power Supply
-0.3 to 3.0
V
DC Characteristics: TOPR=0℃~70℃;VCC33=3.0V~3.6V;VCC25=2.25V~2.75V
Symbol
Parameter
Min.
Typ.
Max.
Units
IIL
Input Leakage Current
(No pull-up or pull-down)
-10
10
μ
A
IOZ
Tri-State Leakage Current
-10
10
μ
A
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage (IOL=4mA)
0.4
V
VOH
Output High Voltage (IOH=4mA)
2.4
V
Rt
Input pull-up/down resistance
(VIL=0V or VIH= VCC)
40
75
190
KΩ
IACT
Active Current
73
mA
ISLP
Sleep Current
120
μ
A
Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Units
VCC33
Power Supply Voltage
3.0
3.3
3.6
V
VIN
Input Voltage
0
Vcc
Vcc+0.3
V
VCC25
Internal Power Supply
2.25
2.5
2.75
V
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product.
Transcend reserves the right to make changes in specifications at any time without prior notice.


Numéro de pièce similaire - TS256MJF110

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS256MCF100I TRANSCEND-TS256MCF100I Datasheet
3Mb / 80P
   Industrial CF Card
TS256MCF100I TRANSCEND-TS256MCF100I Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS256MCF100I-P TRANSCEND-TS256MCF100I-P Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS256MCF200I TRANSCEND-TS256MCF200I Datasheet
1Mb / 87P
   TTr rraannsscceenndd I IInndduusst ttr rri iaal ll CCFF CCaar rrdd
TS256MCF80 TRANSCEND-TS256MCF80 Datasheet
2Mb / 82P
   80X CompactFlash Card
More results

Description similaire - TS256MJF110

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS1GJF150 TRANSCEND-TS1GJF150 Datasheet
73Kb / 3P
   1GB USB2.0 JetFlash?
TS2GJF150 TRANSCEND-TS2GJF150 Datasheet
76Kb / 3P
   2GB USB2.0 JetFlash?
TS2GJF160 TRANSCEND-TS2GJF160 Datasheet
59Kb / 3P
   2GB USB2.0 JetFlash?
TS4GJF150 TRANSCEND-TS4GJF150 Datasheet
76Kb / 3P
   4GB USB2.0 JetFlash?
TS2GJF130 TRANSCEND-TS2GJF130 Datasheet
62Kb / 3P
   2GB USB2.0 JetFlash?
logo
Vectron International, ...
TS512MJF130 VECTRON-TS512MJF130 Datasheet
110Kb / 4P
   512MB USB2.0 JetFlash
logo
Transcend Information. ...
TS512MJF130 TRANSCEND-TS512MJF130 Datasheet
81Kb / 3P
   512MB USB2.0 JetFlash?
TS1GJF130 TRANSCEND-TS1GJF130 Datasheet
64Kb / 3P
   1GB USB2.0 JetFlash?
TS4GJF185 TRANSCEND-TS4GJF185 Datasheet
55Kb / 3P
   4GB USB2.0 JetFlash?
TS2GJF185 TRANSCEND-TS2GJF185 Datasheet
54Kb / 3P
   2GB USB2.0 JetFlash?
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com