Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS16GJF600 Fiches technique(PDF) 2 Page - Transcend Information. Inc.

No de pièce TS16GJF600
Description  16GB USB2.0 JetFlash??00
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS16GJF600 Fiches technique(HTML) 2 Page - Transcend Information. Inc.

  TS16GJF600 Datasheet HTML 1Page - Transcend Information. Inc. TS16GJF600 Datasheet HTML 2Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T
T
TS
S
S1
1
16
6
6G
G
GJ
J
JF
F
F6
6
60
0
00
0
0
16GB USB2.0 JetFlash™600
Transcend Information Inc.
2
Pinouts
Pin No.
Pin Name
Function
01
VCC
USB power input
02
USB-
03
USB+
USB
differential
signal
04
VSS
Ground
Specifications
Storage Capacity
16GB**
Data Retention
10 years
Erase Cycles
>10,000 times
Connector Durability
10,000 times
System Performance
Read: 32MB/sec (max.), Write: 18MB/sec (max.)
Wear-leveling
Dynamic
Power Supply
DC 5V
±10%, Max current : 200 mA
Temperature Range
Operation: 0-70
o
C, Non-Operating: -20
o
C-75
o
C
Certificates
CE, FCC, BSMI
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product.
Transcend reserves the right to make changes in specifications at any time without prior notice.
* 1GB = 1 billion bytes. A certain portion of the storage capacity may be reserved for firmware and maintenance use.


Numéro de pièce similaire - TS16GJF600

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS16GJF220 TRANSCEND-TS16GJF220 Datasheet
58Kb / 2P
   16GB USB2.0 JetFlash??20
TS16GJF2A TRANSCEND-TS16GJF2A Datasheet
75Kb / 3P
   16GB USB2.0 JetFlash짰2A
TS16GJF300 TRANSCEND-TS16GJF300 Datasheet
49Kb / 2P
   16GB USB2.0 JetFlash짰300
TS16GJF790K TRANSCEND-TS16GJF790K Datasheet
757Kb / 2P
   USB 3.1 Gen 1
TS16GJFV10 TRANSCEND-TS16GJFV10 Datasheet
89Kb / 2P
   16GB USB2.0 JetFlash?줧10
More results

Description similaire - TS16GJF600

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS16GJFV33 TRANSCEND-TS16GJFV33 Datasheet
50Kb / 2P
   16GB USB2.0 JetFlash?줧33
TS16GJFV60 TRANSCEND-TS16GJFV60 Datasheet
57Kb / 2P
   16GB USB2.0 JetFlash?줧60
TS16GJFV70 TRANSCEND-TS16GJFV70 Datasheet
53Kb / 2P
   16GB USB2.0 JetFlash?줧70
TS16GJFV85 TRANSCEND-TS16GJFV85 Datasheet
47Kb / 2P
   16GB USB2.0 JetFlash?줧85
TS16GJF220 TRANSCEND-TS16GJF220 Datasheet
58Kb / 2P
   16GB USB2.0 JetFlash??20
TS16GJFV10 TRANSCEND-TS16GJFV10 Datasheet
89Kb / 2P
   16GB USB2.0 JetFlash?줧10
TS16GJFV15 TRANSCEND-TS16GJFV15 Datasheet
90Kb / 2P
   16GB USB2.0 JetFlash?줧15
TS16GJFV30 TRANSCEND-TS16GJFV30 Datasheet
62Kb / 2P
   16GB USB2.0 JetFlash?줧30
TS16GJFV20 TRANSCEND-TS16GJFV20 Datasheet
47Kb / 2P
   16GB USB2.0 JetFlash?줧20
TS8GJF600 TRANSCEND-TS8GJF600 Datasheet
65Kb / 2P
   8GB USB2.0 JetFlash??00
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com