Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS4GJFV90P Fiches technique(PDF) 2 Page - Transcend Information. Inc.

No de pièce TS4GJFV90P
Description  4GB USB2.0 JetFlash?줧90P
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCEND [Transcend Information. Inc.]
Site Internet  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GJFV90P Fiches technique(HTML) 2 Page - Transcend Information. Inc.

  TS4GJFV90P Datasheet HTML 1Page - Transcend Information. Inc. TS4GJFV90P Datasheet HTML 2Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T
T
TS
S
S4
4
4G
G
GJ
J
JF
F
FV
V
V9
9
90
0
0P
P
P
4GB USB2.0 JetFlash™V90P
Transcend Information Inc.
2
Pinouts
Pin No.
Pin Name
Function
01
VCC
USB power input
02
USB-
03
USB+
USB differential signal
04
VSS
Ground
Specifications
Storage Capacity
4GB**
Data Retention
10 years
Erase Cycles
>10,000 times
Connector Durability
10,000 times
System Performance
Read: 18MB/sec (max.), Write: 5MB/sec (max.)
Wear-leveling
Dynamic
Power Supply
DC 5V
±10%, Max current : 200 mA
Temperature Range
Operation: 0-70
oC, Non-Operating: -20oC-75oC
Certificates
CE, FCC, BSMI, KCC
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product.
Transcend reserves the right to make changes in specifications at any time without prior notice.
* 1GB = 1 billion bytes. A certain portion of the storage capacity may be reserved for firmware and maintenance use.


Numéro de pièce similaire - TS4GJFV90P

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS4GJFV90C TRANSCEND-TS4GJFV90C Datasheet
45Kb / 2P
   4GB USB2.0 JetFlash?줧90C
TS4GJFV90Q TRANSCEND-TS4GJFV90Q Datasheet
59Kb / 3P
   4GB USB2.0 JetFlash??V90Q
More results

Description similaire - TS4GJFV90P

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS2GJFV90P TRANSCEND-TS2GJFV90P Datasheet
44Kb / 2P
   2GB USB2.0 JetFlash?줧90P
TS8GJFV90P TRANSCEND-TS8GJFV90P Datasheet
45Kb / 2P
   8GB USB2.0 JetFlash?줧90P
TS4GJF150 TRANSCEND-TS4GJF150 Datasheet
76Kb / 3P
   4GB USB2.0 JetFlash?
TS4GJF185 TRANSCEND-TS4GJF185 Datasheet
55Kb / 3P
   4GB USB2.0 JetFlash?
TS4GJF130 TRANSCEND-TS4GJF130 Datasheet
63Kb / 3P
   4GB USB2.0 JetFlash?
TS4GJF160 TRANSCEND-TS4GJF160 Datasheet
60Kb / 3P
   4GB USB2.0 JetFlash?
TS4GJF220 TRANSCEND-TS4GJF220 Datasheet
58Kb / 2P
   4GB USB2.0 JetFlash??20
TS4GJFV15 TRANSCEND-TS4GJFV15 Datasheet
72Kb / 2P
   4GB USB2.0 JetFlash?줧15
TS4GJFV10 TRANSCEND-TS4GJFV10 Datasheet
71Kb / 2P
   4GB USB2.0 JetFlash?줧10
TS4GJFV35 TRANSCEND-TS4GJFV35 Datasheet
56Kb / 2P
   4GB USB2.0 JetFlash?줧35
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com